Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1799S Datasheet(PDF) 3 Page - Aimtron Technology

Part # AT1799S
Description  2A Step-Down Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1799S Datasheet(HTML) 3 Page - Aimtron Technology

  AT1799S Datasheet HTML 1Page - Aimtron Technology AT1799S Datasheet HTML 2Page - Aimtron Technology AT1799S Datasheet HTML 3Page - Aimtron Technology AT1799S Datasheet HTML 4Page - Aimtron Technology AT1799S Datasheet HTML 5Page - Aimtron Technology AT1799S Datasheet HTML 6Page - Aimtron Technology AT1799S Datasheet HTML 7Page - Aimtron Technology AT1799S Datasheet HTML 8Page - Aimtron Technology AT1799S Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AT1799
2A Step-Down Voltage Regulator
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Absolute Maximum Ratings *1
Parameter
Rated Value
unit
IN , EN voltage
-0.3 to 16
V
SW voltage
-1 to IN+1
V
FB, COMP voltage
-0.3 to 6
V
Quiescent current
5
mA
Thermal Resistance (Junction to ambient θJA)*2
105
/W
Junction Temperature (Tj)
150
Lead Temperature (Soldering 10 sec)
260
Storage Temperature
-65~150
HBM
2
KV
ESD Susceptibility*3
MM
200
V
1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
2. Measured on approximately 1” square of 1 oz. copper FR4 board.
3. Device are ESD sensitive. Handling precaution recommended. The Human Body model is a 100pF
capacitor discharged through a 1.5K
Ω resistor into each pin.
Recommended Operation Conditions
Values
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
IN
4.75
12
16
V
Operating temperature
Top
-20
+25
+85
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW:
http://www.aimtron.com.tw
8/23/2006
REV:1.1
Email:
service@aimtron.com.tw
3


Similar Part No. - AT1799S

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
AT1792X-GRE AIMTRON-AT1792X-GRE Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
AT1796-33 AIMTRON-AT1796-33 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
AT1796-33-PBF AIMTRON-AT1796-33-PBF Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
More results

Similar Description - AT1799S

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
LM2592HV UMW-LM2592HV Datasheet
1Mb / 14P
   2A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2593 CHAMP-CM2593 Datasheet
316Kb / 12P
   2A Step Down VOLTAGE REGULATOR
logo
Weitron Technology
WT2595M WEITRON-WT2595M Datasheet
507Kb / 9P
   2A Step-down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2575 UMW-LM2575 Datasheet
1Mb / 17P
   2A Step-Down Voltage Regulator
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
   2A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com