Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1799 Datasheet(PDF) 4 Page - Aimtron Technology

Part # AT1799
Description  2A Step-Down Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1799 Datasheet(HTML) 4 Page - Aimtron Technology

  AT1799 Datasheet HTML 1Page - Aimtron Technology AT1799 Datasheet HTML 2Page - Aimtron Technology AT1799 Datasheet HTML 3Page - Aimtron Technology AT1799 Datasheet HTML 4Page - Aimtron Technology AT1799 Datasheet HTML 5Page - Aimtron Technology AT1799 Datasheet HTML 6Page - Aimtron Technology AT1799 Datasheet HTML 7Page - Aimtron Technology AT1799 Datasheet HTML 8Page - Aimtron Technology AT1799 Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AT1799
2A Step-Down Voltage Regulator
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Electrical Characteristics
(IN=12V, EN=5V, Ta=+25℃, unless otherwise noted)
Parameter
Symbol
Test Condition
Min.
Typ.
Max. Units
Input operating voltage
IN
4.75
12
16
V
Input under-voltage lockout
threshold
VUVLO
IN Rising
3.8
4.2
4.6
V
UVLO hysteresis
-
500
-
mV
Quiescent Current
Iin
VFB=1.5V
-
3.5
-
mA
Shutdown Current
ISHDN
EN =GND
-
20
50
uA
Oscillator Frequency
fSW
Ta=+25℃
-
380
440
KHz
Short-Circuit Frequency
FB=0V
-
42
-
KHz
Feedback Regulation voltage
VFB
Ta=+25℃
1.20
1.215 1.233
V
FB Input Bias Current
IFB
VFB=1.215V
-50
-
50
nA
Current limit
2.5
2.75
-
A
Maximum Duty Cycle
DMAIN
FB=1.0V
-
-
100
%
Minimum Duty Cycle
DMIIN
FB=1.5V
0
-
-
%
SW Switch On-Resistance
RSW-DS(ON)
ISW=2A
-
100
130
mΩ
SW Leakage Current
ISW
IN=13.5V,VSW=GND
, EN=0V
-
0.1
20
µA
Load Regulation
0 A<ISW< 2A
0.2
%
Line Regulation
4.75V < IN<16V
-
1.0
-
%/V
Error Amplifier Voltage Gain
-
70
-
dB
Error Amplifier Trans-conductance
500
800
1000
µA/V
Soft-Start Time
-
10
-
ms
EN Threshold Voltage
Hysteresis 150mV
-
1
-
V
EN Pull Up Current
EN=0V
-
1
-
µA
Thermal Shutdown
-
160
-
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW:
http://www.aimtron.com.tw
8/23/2006
REV:1.1
Email:
service@aimtron.com.tw
4


Similar Part No. - AT1799

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
AT1792X-GRE AIMTRON-AT1792X-GRE Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
AT1796-33 AIMTRON-AT1796-33 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
AT1796-33-PBF AIMTRON-AT1796-33-PBF Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
More results

Similar Description - AT1799

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
LM2592HV UMW-LM2592HV Datasheet
1Mb / 14P
   2A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2593 CHAMP-CM2593 Datasheet
316Kb / 12P
   2A Step Down VOLTAGE REGULATOR
logo
Weitron Technology
WT2595M WEITRON-WT2595M Datasheet
507Kb / 9P
   2A Step-down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2575 UMW-LM2575 Datasheet
1Mb / 17P
   2A Step-Down Voltage Regulator
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
   2A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com