Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1796-50 Datasheet(PDF) 8 Page - Aimtron Technology

Part # AT1796-50
Description  150kHz, 3A Step-Down Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1796-50 Datasheet(HTML) 8 Page - Aimtron Technology

Back Button AT1796-50 Datasheet HTML 4Page - Aimtron Technology AT1796-50 Datasheet HTML 5Page - Aimtron Technology AT1796-50 Datasheet HTML 6Page - Aimtron Technology AT1796-50 Datasheet HTML 7Page - Aimtron Technology AT1796-50 Datasheet HTML 8Page - Aimtron Technology AT1796-50 Datasheet HTML 9Page - Aimtron Technology AT1796-50 Datasheet HTML 10Page - Aimtron Technology AT1796-50 Datasheet HTML 11Page - Aimtron Technology AT1796-50 Datasheet HTML 12Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AT1796
Preliminary Product Information
150kHz, 3A Step-Down Switching Regulator
7F, No.9, PARK AVENUE II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW:
http://www.aimtron.com.tw
2/15/2006
REV : 1.1
Email:
service@aimtron.com.tw
Application Circuit:
8


Similar Part No. - AT1796-50

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
AT1792X-GRE AIMTRON-AT1792X-GRE Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
AT1799S AIMTRON-AT1799S Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
AT1799S-GRE AIMTRON-AT1799S-GRE Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
More results

Similar Description - AT1796-50

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
   60V, 3A, 150kHz, Step-down Switching Regulator
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
logo
List of Unclassifed Man...
MSP1250 ETC-MSP1250 Datasheet
213Kb / 9P
   Power Converter 150kHz 3A Step-down Voltage Regulator
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
   600kHz, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com