Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1731AP-GRE Datasheet(PDF) 5 Page - Aimtron Technology

Part # AT1731AP-GRE
Description  DC-DC Power IC for TFT Panel
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1731AP-GRE Datasheet(HTML) 5 Page - Aimtron Technology

  AT1731AP-GRE Datasheet HTML 1Page - Aimtron Technology AT1731AP-GRE Datasheet HTML 2Page - Aimtron Technology AT1731AP-GRE Datasheet HTML 3Page - Aimtron Technology AT1731AP-GRE Datasheet HTML 4Page - Aimtron Technology AT1731AP-GRE Datasheet HTML 5Page - Aimtron Technology AT1731AP-GRE Datasheet HTML 6Page - Aimtron Technology AT1731AP-GRE Datasheet HTML 7Page - Aimtron Technology AT1731AP-GRE Datasheet HTML 8Page - Aimtron Technology AT1731AP-GRE Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AT1731A
Preliminary Product Information
DC-DC Power IC for TFT Panel
7F, No.9,PARK AVENUE. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
2/8/2006 REV:1.1
Email: service@aimtron.com.tw
5
ON)
VFBP=1.2V
2
4
Ω
N-ch On-Resistance
RNCH-DS(
ON)
VFBP=1.24V
20
Maximum RMS SWP Current
30
mA
Reference
Reference Voltage
VREF
-2uA <IREF <50uA
1.21 1.23 1.24
V
Reference Under-voltage
Threshold
0.9
1.06 1.16
V
Logic Signals
SHDN input low voltage
0.4V hysteresis
0.9
V
SHDN input high voltage
2.1
V
SHDN input current
ISHDN
0.01
1
uA
Thermal Shutdown
160


Similar Part No. - AT1731AP-GRE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
   2-Channel PWM Controller for LCD Bias
More results

Similar Description - AT1731AP-GRE

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6787 FITIPOWER-FP6787 Datasheet
800Kb / 20P
   Integrated Multi-Channel DC-DC Converter for TFT LCD Panel
logo
Linear Technology
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
   DC/DC Converter for TFT-LCD Panels
LT1948 LINER-LT1948 Datasheet
211Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Linear Integrated Syste...
LT1948 LINEAR-LT1948 Datasheet
139Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Toshiba Semiconductor
TA8161F TOSHIBA-TA8161F Datasheet
333Kb / 8P
   DC/DC CONVERTER SYSTEM IC FOR POWER SUPPLY
logo
Rohm
BD8139EFV ROHM-BD8139EFV Datasheet
341Kb / 6P
   y-correction IC for TFT-LCD Panel
BD8138EFV ROHM-BD8138EFV Datasheet
338Kb / 6P
   y-correction IC for TFT-LCD Panel
logo
Sharp Corporation
IR3Y26A SHARP-IR3Y26A Datasheet
1,022Kb / 31P
   THE INTERFACE IC FOR TFT LCD PANEL
logo
Rohm
BD8132FV ROHM-BD8132FV Datasheet
347Kb / 6P
   y-correction IC for TFT-LCD Panel
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N_17 Datasheet
241Kb / 4P
   DC-DC Converter Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com