Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1601B-GRE Datasheet(PDF) 3 Page - Aimtron Technology

Part # AT1601B-GRE
Description  USB High-Side Power Switches with Flag
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1601B-GRE Datasheet(HTML) 3 Page - Aimtron Technology

  AT1601B-GRE Datasheet HTML 1Page - Aimtron Technology AT1601B-GRE Datasheet HTML 2Page - Aimtron Technology AT1601B-GRE Datasheet HTML 3Page - Aimtron Technology AT1601B-GRE Datasheet HTML 4Page - Aimtron Technology AT1601B-GRE Datasheet HTML 5Page - Aimtron Technology AT1601B-GRE Datasheet HTML 6Page - Aimtron Technology AT1601B-GRE Datasheet HTML 7Page - Aimtron Technology AT1601B-GRE Datasheet HTML 8Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AT1601
Preliminary Product Information
USB High-Side Power Switches with Flag
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
3
Recommended Operating Ratings
Item
Symbol
Ratings
Units
Operating temperature
T
OPR
-20〜+85
IN input voltage
1.8〜5.5
V
EN input voltage
0〜5.5
V
Electrical Characteristics
(VIN=5.0V, Ta=+25
0C)
Values
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Switch Off, OUT=Open
VIN=5.0V
-1
8
µA
Input Supply Current
IIN1
Switch Off, OUT=Open
VIN=3.3V
-1
5
µA
Switch On, OUT=Open
VIN=5.0V
-120
160
µA
Input Supply Current
IIN2
Switch On, OUT=Open
VIN=3.3V
-100
120
µA
VOH Low to High Transition
-
-
0.5*VCC
V
EN Enable Threshold
VOL High to Low Transition
0.4*VCC
-
-
V
EN=2.5V
-
0.01
1
µA
EN Input Current
IEN
EN=1.0V
-
0.01
1
µA
UVLO Threshold
VUVLO IN rising
1.5
1.7
-
V
UVLO Hysteresis
UVLO IN Falling
-
0.1
-
V
IN=5V, IOUT=500mA
-
110
140
m
Switch Resistance
RON
IN=3.3V, IOUT=500mA
-130
180
m
Short Circuit Current
Limit
ILimit
Enable into Load,
RLOAD=1Ω
1.0
1.4
2.0
A
Short Circuit FoldBack
Current
ISC
RLOAD=0Ω, measure prior to
thermal shutdown
-1.0
-
A
Ileakage
AT1601A
EN=0, RLOAD=0Ω
-1
10
µA
OUT Leakage Current
Ileakage
AT1601B
EN=IN, RLOAD=0Ω
-1
10
µA
OUT Turn-On Delay
tOn-D RLOAD=10Ω
-200
-
µs


Similar Part No. - AT1601B-GRE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1604 ETC1-AT1604 Datasheet
162Kb / 2P
   5-Bit Synchronous-Rectifier PWM Controller
logo
Aimtron Technology
AT1605 AIMTRON-AT1605 Datasheet
330Kb / 10P
   High-Side Power Switch IC
AT1605BHX-GRE AIMTRON-AT1605BHX-GRE Datasheet
330Kb / 10P
   High-Side Power Switch IC
AT1605BLX-GRE AIMTRON-AT1605BLX-GRE Datasheet
330Kb / 10P
   High-Side Power Switch IC
More results

Similar Description - AT1601B-GRE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US201-A-B-C UTC-US201-A-B-C Datasheet
219Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_18 Datasheet
268Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US201C UTC-US201C Datasheet
277Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US211 UTC-US211 Datasheet
291Kb / 8P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US223 UTC-US223 Datasheet
217Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_15 Datasheet
254Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US201 UTC-US201_12 Datasheet
273Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US211C UTC-US211C Datasheet
297Kb / 9P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204_15 Datasheet
249Kb / 6P
   1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Union Semiconductor, In...
UM9711 UNIONSEMI-UM9711 Datasheet
474Kb / 10P
   90m(ohm), 1.5A High-Side Power Switches with Flag
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com