Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GNR20B201JA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GNR20B201JA
Description  Catalog number system
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GNR20B201JA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GNR20B201JA Datasheet HTML 1Page - List of Unclassifed Manufacturers GNR20B201JA Datasheet HTML 2Page - List of Unclassifed Manufacturers GNR20B201JA Datasheet HTML 3Page - List of Unclassifed Manufacturers GNR20B201JA Datasheet HTML 4Page - List of Unclassifed Manufacturers GNR20B201JA Datasheet HTML 5Page - List of Unclassifed Manufacturers GNR20B201JA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPE
GNR10D
□□□K
MODEL
PAGE
1/4
CITATION
DATE Jul. 21, 2004
SUBJECT
QUALITY APPROVAL and STRUCTURE
REV.
C01
1. SAFETY STANDARDS APPROVAL
Standard No.
UL 1414
UL 1449
UL 497B
CUL
CSA C22.2 No.1 VDE 42000
File No.
E181368
E166389
E187844
E166389
LR105317
5938
180K~680K
Approved
Approved
820K~181K
Approved
Approved
Approved
Approved
201K~471K
Approved
Approved
Approved
Approved
Approved
Approved
511K
Approved
Approved
Approved
Approved
561K~821K
Approved
Approved
Approved
Approved
Approved
911K~182K
Approved
2. STRUCTURE
NO.
ITEM
DESCRIPTION
2.1
Main Material
Zinc Oxide
2.2
Coating Material
Epoxy Resin
2.3
Marking
GNR, Part number, UL, CSA(or CUL) and VDE recognized
component mark, Date code
2.4
Appearance
Without dirt and crack, marking should be clear
D(max.)
12.5
H(max.)
16.5
T(max.)
*(1)
F
7.5
±1.0
φd
0.8
±0.1
L(min.)
25.0
k(max.)
3.0
2.5
Dimensions
Unit: mm
*(1) See Page2, Dimensions Table


Similar Part No. - GNR20B201JA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GNR20BHZ ETC2-GNR20BHZ Datasheet
618Kb / 6P
   Current ratings 10, 20 and 30 amps
logo
Crydom Inc.,
GNR20BHZ CRYDOM-GNR20BHZ Datasheet
1Mb / 6P
   Current ratings of 10, 20 and 30 amps
GNR20BHZ CRYDOM-GNR20BHZ Datasheet
1Mb / 6P
   GNR 22.5mm Series
FDE-07-01 REV. A
More results

Similar Description - GNR20B201JA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCN6-14 ETC2-LCN6-14 Datasheet
33Kb / 2P
   Long Barrel Copper Lug T&B Catalog Number
N6NY-010-0-C ETC2-N6NY-010-0-C Datasheet
36Kb / 1P
   Plain Edge Cable Clamps T B Catalog Number
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com