Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1601A Datasheet(PDF) 7 Page - Aimtron Technology

Part # AT1601A
Description  USB High-Side Power Switches with Flag
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1601A Datasheet(HTML) 7 Page - Aimtron Technology

  AT1601A Datasheet HTML 1Page - Aimtron Technology AT1601A Datasheet HTML 2Page - Aimtron Technology AT1601A Datasheet HTML 3Page - Aimtron Technology AT1601A Datasheet HTML 4Page - Aimtron Technology AT1601A Datasheet HTML 5Page - Aimtron Technology AT1601A Datasheet HTML 6Page - Aimtron Technology AT1601A Datasheet HTML 7Page - Aimtron Technology AT1601A Datasheet HTML 8Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AT1601
Preliminary Product Information
USB High-Side Power Switches with Flag
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
7


Similar Part No. - AT1601A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1604 ETC1-AT1604 Datasheet
162Kb / 2P
   5-Bit Synchronous-Rectifier PWM Controller
logo
Aimtron Technology
AT1605 AIMTRON-AT1605 Datasheet
330Kb / 10P
   High-Side Power Switch IC
AT1605BHX-GRE AIMTRON-AT1605BHX-GRE Datasheet
330Kb / 10P
   High-Side Power Switch IC
AT1605BLX-GRE AIMTRON-AT1605BLX-GRE Datasheet
330Kb / 10P
   High-Side Power Switch IC
More results

Similar Description - AT1601A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US201-A-B-C UTC-US201-A-B-C Datasheet
219Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_18 Datasheet
268Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US201C UTC-US201C Datasheet
277Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US211 UTC-US211 Datasheet
291Kb / 8P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US223 UTC-US223 Datasheet
217Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_15 Datasheet
254Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US201 UTC-US201_12 Datasheet
273Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US211C UTC-US211C Datasheet
297Kb / 9P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204_15 Datasheet
249Kb / 6P
   1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Union Semiconductor, In...
UM9711 UNIONSEMI-UM9711 Datasheet
474Kb / 10P
   90m(ohm), 1.5A High-Side Power Switches with Flag
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com