Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1511R Datasheet(PDF) 1 Page - Aimtron Technology

Part # AT1511R
Description  FET BIAS CONTROLLER AND TONE DETECTION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1511R Datasheet(HTML) 1 Page - Aimtron Technology

  AT1511R Datasheet HTML 1Page - Aimtron Technology AT1511R Datasheet HTML 2Page - Aimtron Technology AT1511R Datasheet HTML 3Page - Aimtron Technology AT1511R Datasheet HTML 4Page - Aimtron Technology AT1511R Datasheet HTML 5Page - Aimtron Technology AT1511R Datasheet HTML 6Page - Aimtron Technology AT1511R Datasheet HTML 7Page - Aimtron Technology AT1511R Datasheet HTML 8Page - Aimtron Technology AT1511R Datasheet HTML 9Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AT1511
Preliminary product Information
FET BIAS CONTROLLER AND TONE DETECTION
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
1
Features
Provides bias for GaAs and HEMT FETs
Drives up to three FETs
Dynamic FET protection
Drain current set by external resistor
Regulated negative rail generator requires
only 2 external capacitors
Choice in drain voltage
Wide supply voltage range
Polarisation switch for LNBs - supporting
zero volt gate switching
topology.
22kHz tone detection for band switching
Compliant with ASTRA control specifications
SSOP surface mount package
Applications
˙
Satellite receiver LNBs
˙
Private mobile radio (PMR)
˙
Cellular telephones
Description
The AT1511 includes bias circuits to drive up to
three external FETs. A control input to the
device selects either one of two FETs as
operational
using
0V
gate
switching
methodology, the third FET is permanently
active. This feature is particularly used as an
LNB polarisation switch. Also specific to LNB
applications is the enhanced 22kHz tone
detection and logic output feature which is used
to enable high and low band frequency switching.
The detector has been specifically designed to
reject inerference such as low frequency signals
and DiSEqCTM tone bursts - without the use of
additional external components.
Drain current setting of the AT1511 is user
selectable over the range 0 to 15mA, this is
achieved with the addition of a single resistor.
The series also offers the choice of FET drain
voltage, the AT1511 gives 2 volts.
These devices are unconditionally stable over
the full working temperature with the FETs in
place,
subject
to
the
inclusion
of
the
recommended gate and drain capacitors. These
ensure RF stability and minimal injected noise.
It is possible to use less than the devices full
complement of FET bias controls, unused drain
and gate connections can be left open circuit
without affecting operation of the remaining bias
circuits.
In order to protect the external FETs the circuits
have been designed to ensure that, under any
conditions including power up/down transients,
the gate drive from the bias circuits cannot
exceed the range -3.5V to 1V. Furthermore if the
negative rail experiences a fault condition, such
as overload or short circuit, the drain supply to
the FETs will shut down avoiding excessive
current flow.
The AT1511 are available in SSOP20 for the
minimum in device size. Device operating
temperature is -40 to 70°C to suit a wide range
of environmental conditions.
Aimtron reserves the right without notice to change this circuitry and specifications.


Similar Part No. - AT1511R

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1512 AIMTRON-AT1512 Datasheet
351Kb / 11P
   FET BIAS CONTROLLER AND TONE DETECTION
AT1512R AIMTRON-AT1512R Datasheet
351Kb / 11P
   FET BIAS CONTROLLER AND TONE DETECTION
AT1512R-GRE AIMTRON-AT1512R-GRE Datasheet
351Kb / 11P
   FET BIAS CONTROLLER AND TONE DETECTION
More results

Similar Description - AT1511R

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1512 AIMTRON-AT1512 Datasheet
351Kb / 11P
   FET BIAS CONTROLLER AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3211Q20TC DIODES-ZNBG3211Q20TC Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com