Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG16A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BFG16A
Description  NPN 2 GHz wideband transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG16A Datasheet(HTML) 6 Page - NXP Semiconductors

  BFG16A Datasheet HTML 1Page - NXP Semiconductors BFG16A Datasheet HTML 2Page - NXP Semiconductors BFG16A Datasheet HTML 3Page - NXP Semiconductors BFG16A Datasheet HTML 4Page - NXP Semiconductors BFG16A Datasheet HTML 5Page - NXP Semiconductors BFG16A Datasheet HTML 6Page - NXP Semiconductors BFG16A Datasheet HTML 7Page - NXP Semiconductors BFG16A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1995 Sep 12
6
Philips Semiconductors
Product specification
NPN 2 GHz wideband transistor
BFG16A
Fig.8 Common emitter reverse transmission coefficient (S12).
IC = 70 mA; VCE =15 V.
handbook, full pagewidth
MBB368
180
0 o
30o
60o
90o
120o
150o
o
150o
120o
90o
60o
30o
0.4
0.2
0.5
0.3
0.1
3 GHz
40 MHz
Fig.9 Common emitter output transmission coefficient (S22).
IC = 70 mA; VCE = 15 V; Zo =50 Ω.
handbook, full pagewidth
MBB369
10
25
50
100
250
10
25
50
100
250
0
+ j
– j
3 GHz
40 MHz
100
250
50
10
25


Similar Part No. - BFG16A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG10 PHILIPS-BFG10 Datasheet
74Kb / 10P
   NPN 2 GHz RF power transistor
1995 Aug 31
BFG10 NXP-BFG10 Datasheet
257Kb / 11P
   NPN 2 GHz RF power transistor
Rev. 05-22 November 2007
BFG10 NXP-BFG10 Datasheet
65Kb / 10P
   NPN 2 GHz RF power transistor
1995 Aug 31
BFG10 NXP-BFG10 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG10-X NXP-BFG10-X Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BFG16A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BFT25 PHILIPS-BFT25 Datasheet
60Kb / 8P
   NPN 2 GHz wideband transistor
November 1992
logo
New Jersey Semi-Conduct...
BF763 NJSEMI-BF763 Datasheet
76Kb / 2P
   NPN 2 GHz wideband transistor
logo
Quanzhou Jinmei Electro...
BFT25 JMNIC-BFT25_15 Datasheet
57Kb / 8P
   NPN 2 GHz wideband transistor
logo
NXP Semiconductors
BFR53 PHILIPS-BFR53 Datasheet
89Kb / 12P
   NPN 2 GHz wideband transistor
1997 Oct 28
logo
New Jersey Semi-Conduct...
BF689K NJSEMI-BF689K Datasheet
89Kb / 2P
   NPN 2 GHz wideband transistor
logo
Quanzhou Jinmei Electro...
BFT25_2015 JMNIC-BFT25_2015 Datasheet
57Kb / 8P
   NPN 2 GHz wideband transistor
logo
NXP Semiconductors
BFT25_CNV PHILIPS-BFT25_CNV_15 Datasheet
221Kb / 10P
   NPN 2 GHz wideband transistor
November 1992
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com