Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1452BP Datasheet(PDF) 2 Page - Aimtron Technology

Part # AT1452BP
Description  Photoflash Capacitor Charger for DSC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1452BP Datasheet(HTML) 2 Page - Aimtron Technology

  AT1452BP Datasheet HTML 1Page - Aimtron Technology AT1452BP Datasheet HTML 2Page - Aimtron Technology AT1452BP Datasheet HTML 3Page - Aimtron Technology AT1452BP Datasheet HTML 4Page - Aimtron Technology AT1452BP Datasheet HTML 5Page - Aimtron Technology AT1452BP Datasheet HTML 6Page - Aimtron Technology AT1452BP Datasheet HTML 7Page - Aimtron Technology AT1452BP Datasheet HTML 8Page - Aimtron Technology AT1452BP Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AT1452
Preliminary Product Information
Photoflash Capacitor Charger for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
2
Pin Configuration
Ordering Information
Part number
Package
Marking
AT1452AP
TSSOP8
AT1452AP
AT1452AP_GRE
TSSOP8,Green
AT1452AP, date code with one bottom line
AT1452BP
TSSOP8
AT1452BP
AT1452BP_GRE
TSSOP8,Green
AT1452BP, date code with one bottom line
A:50kHz B:100kHz
Pin Description
Pin No.
Symbol
I/O
Description
1
CHARGE
I
Charge enable input
2
FB
I
Error amplifier input
3
DUTY
I
Duty control input
4GND
-
Ground
5
OUT
O
Push-pull output
6VCC
-
Power supply
7
READY
O
Charge ready open drain output
8
SS
I
Soft-start setting


Similar Part No. - AT1452BP

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1450 AIMTRON-AT1450 Datasheet
318Kb / 10P
   Photoflash Capacitor Charger for DSC
AT1450S AIMTRON-AT1450S Datasheet
318Kb / 10P
   Photoflash Capacitor Charger for DSC
AT1450S-GREEN AIMTRON-AT1450S-GREEN Datasheet
318Kb / 10P
   Photoflash Capacitor Charger for DSC
AT1453 AIMTRON-AT1453 Datasheet
643Kb / 19P
   Photoflash Capacitor Charger for DSC
AT1453AP AIMTRON-AT1453AP Datasheet
643Kb / 19P
   Photoflash Capacitor Charger for DSC
More results

Similar Description - AT1452BP

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1454 AIMTRON-AT1454 Datasheet
494Kb / 18P
   Photoflash Capacitor Charger for DSC
logo
Global Mixed-mode Techn...
G2109 GMT-G2109 Datasheet
25Kb / 1P
   Photoflash Capacitor Charger for DSC
logo
Aimtron Technology
AT1453 AIMTRON-AT1453 Datasheet
643Kb / 19P
   Photoflash Capacitor Charger for DSC
logo
Global Mixed-mode Techn...
G2132 GMT-G2132 Datasheet
25Kb / 1P
   Photoflash Capacitor Charger for DSC
logo
Aimtron Technology
AT1450 AIMTRON-AT1450 Datasheet
318Kb / 10P
   Photoflash Capacitor Charger for DSC
logo
Pulse A Technitrol Comp...
PA0367ANLT PULSE-PA0367ANLT Datasheet
94Kb / 2P
   SMT FLYBACK TRANSFORMER FOR PHOTOFLASH CAPACITOR CHARGER
logo
Allegro MicroSystems
A8425 ALLEGRO-A8425 Datasheet
439Kb / 16P
   High Current Photoflash Capacitor Charger
logo
Linear Technology
LT3468 LINER-LT3468 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
logo
Allegro MicroSystems
A8426 ALLEGRO-A8426 Datasheet
443Kb / 16P
   High Performance Photoflash Capacitor Charger
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com