Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1397BN Datasheet(PDF) 11 Page - Aimtron Technology

Part # AT1397BN
Description  6-Channel DC-DC Converter for DSC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1397BN Datasheet(HTML) 11 Page - Aimtron Technology

Back Button AT1397BN Datasheet HTML 7Page - Aimtron Technology AT1397BN Datasheet HTML 8Page - Aimtron Technology AT1397BN Datasheet HTML 9Page - Aimtron Technology AT1397BN Datasheet HTML 10Page - Aimtron Technology AT1397BN Datasheet HTML 11Page - Aimtron Technology AT1397BN Datasheet HTML 12Page - Aimtron Technology AT1397BN Datasheet HTML 13Page - Aimtron Technology AT1397BN Datasheet HTML 14Page - Aimtron Technology AT1397BN Datasheet HTML 15Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AT1397A/B
Preliminary Product Information
6-Channel DC-DC Converter for DSC
7F, No.9, Park Avenue II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
1/10/2006
REV:1.0
Email: service@aimtron.com.tw
11
Typical Application Circuits
OUT5
SS6
FB6
OUT6
PGND3
PVCC4
PVCC4
VBAT
1-Cell Li-Ion
3.4V~4.2V
FB5H
FB5
SS5
LED+
2~4Cell
20mA
VBAT
OUT4
IP4
SS4
VREG
PVCC3
VBAT
FB3
SS3
SEL4
PGND1
LX1
PVCC1
FB1
SS1
PVCC4
PGND2
LX2
PVCC2
FB2
SS2
VDSP_Core
+1V8/200mA
VBG
VCC
GND
COMP1
COMP2
CT
CTL1
CTL3
CTL4
CTL5
CTL6
/SDOK
OUT3M
OUT3S
CH6
Voltage-Mode
Step-Up PWM
CH4
Voltage-Mode
Inverting PWM
IN4
CH5
Voltage-Mode
PWM LED
Driver
CH3
Voltage-Mode
Synchronous
Step-Down
PVCC4
CH1
Current-Mode
Synchronous
Step-Down
PWM
CH2
Current-Mode
Synchronous
Step-Down
PWM
CSCP
COMP6
COMP5
COMP4
COMP3
VBAT
VDSP_IO
+3V3/200mA
CCD Bias
-6V3/50mA
Short-Circuit
Protection
Power ON
LENS ON
CCD ON
LED ON
AT1397A
6.8uH
VBAT
1uF
0.1uF
22uF
10uF
125K
100K
1uF
0.1uF
6.8uH
100K
312.5K
22uF
0.1uF
MBR140WS
10uH
0.1uF
0.1uF
10K
100K
275K
10uF
1uF
UPM2032BN
UPM2031AN
22uF
0.1uF
10K
0.1uF
10K
140K
10uF
MBR140WS
UPM2031AN
10uF
10uH
UPM2031AN
MBR140WS
1K
0.1uF
10R
1uF
10K
150K
0.22uF
1uF
0.22uF
10K
0.1uF
10uF
/6V3
MBR140WS
10uH
UPM2032BN
10uF
LED-
10K
10K
10K
64.9K
1500pF
51K
51K
1500pF
82pF
CTL2
0.47uF
10K
VBAT
10uF
MBR140WS
MBR140WS
VLENS
+3V/300mA
10uH
10uF
CCD Bias
+12V/50mA
33pF
33pF
PVCC3
1-Li Battery Application 1


Similar Part No. - AT1397BN

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
AT1391P AIMTRON-AT1391P Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
AT1391P-GRE AIMTRON-AT1391P-GRE Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
AT1392P ETC1-AT1392P Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
More results

Similar Description - AT1397BN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1387A ETC1-AT1387A Datasheet
428Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1386 AIMTRON-AT1386 Datasheet
429Kb / 21P
   6-Channel DC-DC Converter for DSC
AT1393 AIMTRON-AT1393 Datasheet
724Kb / 22P
   6-Channel DC-DC Converter IC for DSC
logo
List of Unclassifed Man...
AT1395 ETC-AT1395 Datasheet
329Kb / 18P
   5 CHANNEL DC-DC CONVERTER FOR DSC
logo
Global Mixed-mode Techn...
G2105 GMT-G2105 Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
G2105A GMT-G2105A Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
logo
List of Unclassifed Man...
AT1388 ETC-AT1388 Datasheet
637Kb / 24P
   6-Channel DC-DC Controller for DSC
logo
Aimtron Technology
AT1382B AIMTRON-AT1382B Datasheet
469Kb / 21P
   4-Channel DC-DC Converter for DSC
logo
Global Mixed-mode Techn...
G2204 GMT-G2204 Datasheet
35Kb / 1P
   7-Channel DC-DC Converter for DSC
G2202B GMT-G2202B Datasheet
28Kb / 1P
   7-Channel DC-DC Converter for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com