Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1393B Datasheet(PDF) 4 Page - Aimtron Technology

Part # AT1393B
Description  6-Channel DC-DC Converter IC for DSC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1393B Datasheet(HTML) 4 Page - Aimtron Technology

  AT1393B Datasheet HTML 1Page - Aimtron Technology AT1393B Datasheet HTML 2Page - Aimtron Technology AT1393B Datasheet HTML 3Page - Aimtron Technology AT1393B Datasheet HTML 4Page - Aimtron Technology AT1393B Datasheet HTML 5Page - Aimtron Technology AT1393B Datasheet HTML 6Page - Aimtron Technology AT1393B Datasheet HTML 7Page - Aimtron Technology AT1393B Datasheet HTML 8Page - Aimtron Technology AT1393B Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AT1393/A/B/C
Preliminary Product Information
6-Channel DC-DC Converter IC for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
4
Electrical characteristics
(Ta=25℃, VCC=PVCC=5V)
Value
Parameter
Symbol
Condition
Min
Typ Max
Unit
Reference voltage
V
REF
--
2.40
2.50
2.60
V
Output voltage
temperature
stability
V
REF
/V
REF
Ta = -30℃ to 85℃
--
0.5
--
%
Input stability
Line
VCC=3.6 to 5.5V
-10
--
10
mV
Load stability
Load
VREF=0mA to –1mA
-10
--
10
mV
Threshold voltage
V
TH
VIN=0V to VCC
2.6
2.8
3.0
V
Hysteresis width
V
H
--
--
0.2
--
V
Reset voltage
V
RST
VIN=VCC to 0V
1.20
1.30
1.40
V
Threshold voltage
V
TH
VIN=0V to VCC
1.35
1.5
1.65
V
Charge current
I
CS
--
-1.4
-1.0
-0.6
μ
A
Charge current
I
CIN6
-3.0
-2.5
-2.0
μ
A
Threshold voltage
V
TH
--
0.65
0.70
0.75
V
Input standby
voltage
V
STB
--
--
50
100
mV
Input latch voltage
V
I
--
--
50
100
mV
Input source
current
I
CSCP
--
-1.4
-1.0
-0.6
μ
A
Oscillator
frequency
f
OSC
CT=100pF, RT=18kΩ
450
500
550
kHz
Frequency
stability for
voltage
△f
/fdv
VCC=4V to 5.5V
--
1
10
%
Frequency
stability for
temperature
△f
/fdt
Ta=-30℃ to 85℃
--
1
20
%
Threshold voltage
V
TH
FB=IN
1.24
1.25
1.26
V
V
T temperature
stability
V
T/VT Ta = -30℃ to 85℃
--
0.5
--
%


Similar Part No. - AT1393B

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
AT1391P AIMTRON-AT1391P Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
AT1391P-GRE AIMTRON-AT1391P-GRE Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
AT1392P ETC1-AT1392P Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
More results

Similar Description - AT1393B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1387A ETC1-AT1387A Datasheet
428Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1386 AIMTRON-AT1386 Datasheet
429Kb / 21P
   6-Channel DC-DC Converter for DSC
AT1397A AIMTRON-AT1397A Datasheet
696Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
List of Unclassifed Man...
AT1395 ETC-AT1395 Datasheet
329Kb / 18P
   5 CHANNEL DC-DC CONVERTER FOR DSC
logo
Global Mixed-mode Techn...
G2105 GMT-G2105 Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
G2105A GMT-G2105A Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
logo
List of Unclassifed Man...
AT1388 ETC-AT1388 Datasheet
637Kb / 24P
   6-Channel DC-DC Controller for DSC
logo
Aimtron Technology
AT1382B AIMTRON-AT1382B Datasheet
469Kb / 21P
   4-Channel DC-DC Converter for DSC
logo
Global Mixed-mode Techn...
G2204 GMT-G2204 Datasheet
35Kb / 1P
   7-Channel DC-DC Converter for DSC
G2202B GMT-G2202B Datasheet
28Kb / 1P
   7-Channel DC-DC Converter for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com