Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1393A Datasheet(PDF) 3 Page - Aimtron Technology

Part # AT1393A
Description  6-Channel DC-DC Converter IC for DSC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1393A Datasheet(HTML) 3 Page - Aimtron Technology

  AT1393A Datasheet HTML 1Page - Aimtron Technology AT1393A Datasheet HTML 2Page - Aimtron Technology AT1393A Datasheet HTML 3Page - Aimtron Technology AT1393A Datasheet HTML 4Page - Aimtron Technology AT1393A Datasheet HTML 5Page - Aimtron Technology AT1393A Datasheet HTML 6Page - Aimtron Technology AT1393A Datasheet HTML 7Page - Aimtron Technology AT1393A Datasheet HTML 8Page - Aimtron Technology AT1393A Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AT1393/A/B/C
Preliminary Product Information
6-Channel DC-DC Converter IC for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
3
Absolute Maximum Ratings
Rating
Parameter
Symbol
Condition
Min
Max
Unit
Power supply voltage
Vcc
--
--
7
V
Output current
Io
Output pin
--
20
mA
Output peak current
Io
Output pin, Duty≦5%
--
200
mA
Power dissipation
P
D
Ta
25℃ (LQFP-48P)
--
860
mW
Operating temperature
T
OPT
--
-30
85
Storage temperature
T
STG
--
-55
125
ESD Susceptibility (HBM)
--
--
2KV
ESD Susceptibility (MM)
--
--
200
V
Recommended Operating Conditions
Value
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Startup power supply voltage
Vcc
CH6
1.7
--
5.5
V
CH6
2.4
5.0
5.5
V
Power supply voltage
Vcc
CH1 to CH5
3.6
5.0
5.5
V
Reference voltage output current
I
OR
VREF pin
-1
--
0
mA
VB pin output current
I
B
VB pin
-0.5
--
0
mA
IN1 to IN5, INA4, INS4
pins
0--
Vcc
V
Input voltage
V
IN
IN6 pin
0
--
Vcc-0.9
V
Control input voltage
V
CTL
CTL pin
0
--
7
V
OUT pin (CH1 to CH5)
--
2
15
mA
OUT pin (CH6)
1
2
15
mA
Output current
Io
OUT pin
--
1
4
mA
Output current setting resister
R
B
RB6 pin
2.4
24
51
Oscillator
f
OSC
--
100
500
1000
kHz
Timing capacitor
C
T
--
47
100
560
pF
Timing resistor
R
T
--
8.2
18
100
Cs
CH1 to CH5
--
0.027
1.0
μ
F
Soft start capacitor
C
+IN6
CH6
--
0.47
1.0
μ
F
Short detection capacitor
C
SCP
--
--
0.1
1.0
μ
F
VB pin capacitor
C
VB
--
0.082
0.1
--
μ
F
Operating ambient temperature
Ta
--
-20
25
85


Similar Part No. - AT1393A

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
AT1391P AIMTRON-AT1391P Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
AT1391P-GRE AIMTRON-AT1391P-GRE Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
AT1392P ETC1-AT1392P Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
More results

Similar Description - AT1393A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1387A ETC1-AT1387A Datasheet
428Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1386 AIMTRON-AT1386 Datasheet
429Kb / 21P
   6-Channel DC-DC Converter for DSC
AT1397A AIMTRON-AT1397A Datasheet
696Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
List of Unclassifed Man...
AT1395 ETC-AT1395 Datasheet
329Kb / 18P
   5 CHANNEL DC-DC CONVERTER FOR DSC
logo
Global Mixed-mode Techn...
G2105 GMT-G2105 Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
G2105A GMT-G2105A Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
logo
List of Unclassifed Man...
AT1388 ETC-AT1388 Datasheet
637Kb / 24P
   6-Channel DC-DC Controller for DSC
logo
Aimtron Technology
AT1382B AIMTRON-AT1382B Datasheet
469Kb / 21P
   4-Channel DC-DC Converter for DSC
logo
Global Mixed-mode Techn...
G2204 GMT-G2204 Datasheet
35Kb / 1P
   7-Channel DC-DC Converter for DSC
G2202B GMT-G2202B Datasheet
28Kb / 1P
   7-Channel DC-DC Converter for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com