Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1367CN Datasheet(PDF) 11 Page - Aimtron Technology

Part # AT1367CN
Description  1MHz, 800mA Synchronous Buck Converter With Power Good Detector & LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1367CN Datasheet(HTML) 11 Page - Aimtron Technology

Back Button AT1367CN Datasheet HTML 6Page - Aimtron Technology AT1367CN Datasheet HTML 7Page - Aimtron Technology AT1367CN Datasheet HTML 8Page - Aimtron Technology AT1367CN Datasheet HTML 9Page - Aimtron Technology AT1367CN Datasheet HTML 10Page - Aimtron Technology AT1367CN Datasheet HTML 11Page - Aimtron Technology AT1367CN Datasheet HTML 12Page - Aimtron Technology AT1367CN Datasheet HTML 13Page - Aimtron Technology AT1367CN Datasheet HTML 14Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AT1367A/B/C/D
Preliminary Product Information
1MHz, 800mA Synchronous Buck Converter
With Power Good Detector & LDO
7F, No.9, Park Avenue II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
3/2/2006
REV:1.2
Email: service@aimtron.com.tw
11
Inductors Surface Mount
Inductance(
µH)
Manufacturer/Part No.
Manufacturer Website
3.3
Sumida CDRH4D28-3R3
4.7
Sumida CDRH5D18-4R7
www.sumida.com
3.3
Mitsumi C3-K1.8L-3R3
Mitsumi C4-K1.8L-3R3
www.mitsumi.co.jp
3.3
ABC SH40283R3YSB
4.7
ABC SH40284R7YSB
www.atec-group.com
Capacitors Surface Mount
Capacitance(
µF)
Manufacturer/Part No.
Manufacturer Website
22
TDK C3216X5R0J226M
www.tdk.com
47
TDK C3225X5R0J46M
www.tdk.com
10
GRM42-6X5R 106K6.3
www.murata.com
2.2
TAIYO LMK212BJ225MD
www.t-yuden.com
4.7
TAIYO JMK212BJ475MG
www.t-yuden.com


Similar Part No. - AT1367CN

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
AT1361X_GRE AIMTRON-AT1361X_GRE Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
AT1362 AIMTRON-AT1362 Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
AT1362A AIMTRON-AT1362A Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Global Mixed-mode Techn...
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
More results

Similar Description - AT1367CN

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT1362C GMT-AT1362C Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Aimtron Technology
AT1362 AIMTRON-AT1362 Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Global Mixed-mode Techn...
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
Global Mixed-mode Techn...
AT1358 GMT-AT1358 Datasheet
77Kb / 1P
   1MHz, 1A Synchronous Buck Converter with 500mA LDO
logo
List of Unclassifed Man...
AT1366 ETC-AT1366 Datasheet
903Kb / 13P
   1MHZ 800MA SYNCHRONOUS BUCK CONTROLLER
logo
Unisonic Technologies
UC3656_1111 UTC-UC3656_1111 Datasheet
266Kb / 7P
   1MHz, 800mA SYNCHRONOUS BUCK CONTROLLER
UC3656 UTC-UC3656 Datasheet
178Kb / 7P
   1MHz,800mA SYNCHRONOUS BUCK CONTROLLER
logo
Monolithic Power System...
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com