Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1386 Datasheet(PDF) 8 Page - Aimtron Technology

Part # AT1386
Description  6-Channel DC-DC Converter for DSC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1386 Datasheet(HTML) 8 Page - Aimtron Technology

Back Button AT1386 Datasheet HTML 4Page - Aimtron Technology AT1386 Datasheet HTML 5Page - Aimtron Technology AT1386 Datasheet HTML 6Page - Aimtron Technology AT1386 Datasheet HTML 7Page - Aimtron Technology AT1386 Datasheet HTML 8Page - Aimtron Technology AT1386 Datasheet HTML 9Page - Aimtron Technology AT1386 Datasheet HTML 10Page - Aimtron Technology AT1386 Datasheet HTML 11Page - Aimtron Technology AT1386 Datasheet HTML 12Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AT1386
Preliminary Product Information
6-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
8
Application Circuit (2 Cell Battery 1.5V~3.4V input)


Similar Part No. - AT1386

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1380 AIMTRON-AT1380 Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
AT1380AP AIMTRON-AT1380AP Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
AT1380AS AIMTRON-AT1380AS Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
AT1382A AIMTRON-AT1382A Datasheet
620Kb / 25P
   4-Channel DC-DC Converter for DSC
More results

Similar Description - AT1386

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1387A ETC1-AT1387A Datasheet
428Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1397A AIMTRON-AT1397A Datasheet
696Kb / 21P
   6-Channel DC-DC Converter for DSC
AT1393 AIMTRON-AT1393 Datasheet
724Kb / 22P
   6-Channel DC-DC Converter IC for DSC
logo
List of Unclassifed Man...
AT1395 ETC-AT1395 Datasheet
329Kb / 18P
   5 CHANNEL DC-DC CONVERTER FOR DSC
logo
Global Mixed-mode Techn...
G2105 GMT-G2105 Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
G2105A GMT-G2105A Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
logo
List of Unclassifed Man...
AT1388 ETC-AT1388 Datasheet
637Kb / 24P
   6-Channel DC-DC Controller for DSC
logo
Aimtron Technology
AT1382B AIMTRON-AT1382B Datasheet
469Kb / 21P
   4-Channel DC-DC Converter for DSC
logo
Global Mixed-mode Techn...
G2204 GMT-G2204 Datasheet
35Kb / 1P
   7-Channel DC-DC Converter for DSC
G2202B GMT-G2202B Datasheet
28Kb / 1P
   7-Channel DC-DC Converter for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com