Part Name
         Description
AT1382B

 4-Channel DC-DC Converter for DSC ( 21 Page)


AIMTRON
100% 
Zoom Out Zoom In
 6 page
background image
AT1382B
Preliminary Product Information
4-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
6
Frequency bandwidth
BW
A
V=0dB
-
10
-
MHz
V
OH
1.3
1.4
-
V
Output voltage
V
OL
-50
200
mV
Output source current
I
SOURCE
FB=0.5V
-
-4.0
-1.0
mA
Output sink current
I
SINK
FB=0.5V
70
140
-
μ
A
Short detect comparator [SCP Comp]
Threshold voltage
V
TH
CH1 to CH4
0.8
0.9
1.0
V
Input bias current
I
B
IN=0V
-320
-80
-
nA
PWM Comp. [PWM Comp]
V
T0
Duty = 0 %
0.25
0.3
-
V
Threshold voltage(CH4)
V
Tmax
Duty = 100 %
-
0.75
0.80
V
V
T0
Duty = 0 %
0.20
0.25
-
Threshold voltage(CH1~3)
V
Tmax
Duty = 100 %
-
0.65
0.70
Input current
I
DTC
DTC=0.4V
-1.0
-0.3
-
μ
A
Output block (CH1,2) [Pin 40,42]
Output source current
I
SOURCE
Duty≧95%, OUT=0V
-
-130
-80
mA
Output sink current
I
SINK
Duty≦5%, OUT=5V
65
100
-
mA
R
OH
OUT = -15mA
-
18
30
Ω
Output ON resistor
R
OL
OUT = 15mA
-
16
25
Ω
Output block (CH1 to CH3) [Pin 39,41,47]
Output source current
I
SOURCE
Duty≧95%, OUT=0V
-
-130
-80
mA
Output sink current
I
SINK
Duty≦5%, OUT=5V
65
100
-
mA
R
OH
OUT = -15mA
-
18
30
Ω
Output ON resistor
R
OL
OUT = 15mA
-
16
25
Ω
Output block (CH4) [Pin 48]
Output source current
I
SOURCE
OUT=1/2PVCC
-
-260
-160
mA
Output sink current
I
SINK
OUT=1/2PVCV
150
260
-
mA
R
OH
OUT = -15mA
-
9
15
Ω
Output ON resistor
R
OL
OUT = 15mA
-
9
15
Ω
Control block [CTL]
V
IH
Active mode
1.3
-
7
V
CTL input voltage
V
IL
Standby mode
0
-
0.8
V
CTL1 to CTL4 input voltage
V
IH
Active mode
1.3
-
7
V



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT1382A4-Channel DC-DC Converter for DSC 1 2 3 4 5 MoreAimtron Technology
AT13866-Channel DC-DC Converter for DSC 1 2 3 4 5 MoreAimtron Technology
AT13936-Channel DC-DC Converter IC for DSC 1 2 3 4 5 MoreAimtron Technology
AT1397A6-Channel DC-DC Converter for DSC 1 2 3 4 5 MoreAimtron Technology
AT1387A6-Channel DC-DC Converter for DSC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AT13955 CHANNEL DC-DC CONVERTER FOR DSC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ILC6363Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries 1 2 3 4 5 MoreFairchild Semiconductor
LM3200Miniature Adjustable Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers 1 2 3 4 5 MoreNational Semiconductor
ST662ADC-DC CONVERTER FROM 5V TO 12V 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY 1 2 3 4 5 MoreSTMicroelectronics
TB62732FUThe step up type DC-DC converter only for white LED driver lighting 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl