Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1382A Datasheet(PDF) 5 Page - Aimtron Technology

Part # AT1382A
Description  4-Channel DC-DC Converter for DSC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1382A Datasheet(HTML) 5 Page - Aimtron Technology

  AT1382A Datasheet HTML 1Page - Aimtron Technology AT1382A Datasheet HTML 2Page - Aimtron Technology AT1382A Datasheet HTML 3Page - Aimtron Technology AT1382A Datasheet HTML 4Page - Aimtron Technology AT1382A Datasheet HTML 5Page - Aimtron Technology AT1382A Datasheet HTML 6Page - Aimtron Technology AT1382A Datasheet HTML 7Page - Aimtron Technology AT1382A Datasheet HTML 8Page - Aimtron Technology AT1382A Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AT1382A
Preliminary Product Information
4-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
5
Electrical Characteristics
(Ta=25℃, VCC=PVCC=5V)
Measure result
Parameter
Symbol
Condition
Min. Typ. Max.
Unit
Reference voltage block [REF]
Reference voltage
V
REF
0.88
0.90
0.92
V
Output voltage temperature
stability
V
REF
/V
REF
Ta = -30℃ to 85℃
-0.5
-
%
Input stability
Line
VCC=1.8V to 7V
-10
-
10
mV
Load stability
Load
VREF=0mA to –1mA
-10
-
10
mV
Shout circuit output current
I
OSC
VREF=0.7V
-20
-5
-1
mA
Under voltage lockout block [U.V.L.O]
Threshold voltage(CH1~CH3)
V
TH
1.5
1.6
1.7
V
Hysteresis width(CH1~CH3)
V
H
-0.2
-
V
Reset voltage(CH1~CH3)
V
RST
1.6
1.7
1.8
V
CH4 Pre-OSC change to Main-
OSC threshold
V
TH2
-1.7
-
V
Soft start block [CS]
Charge current
I
CS
-6.0
-5.0
-4.0
μ
A
Short circuit detection block [SCP]
Threshold voltage
V
TH
0.65
0.70
0.75
V
Input source current
I
CSCP
-1.5
-1.0
-0.7
μ
A
Triangular wave oscillator block [OSC]
Oscillator frequency
f
OSC
CT=100pF, RT=20kΩ
400
500
600
kHz
Frequency stability for voltage
△f
/fdv
VCC=1.8V to 7V
-
1
10
%
Frequency stability for
temperature
△f
/fdt
Ta=-30℃ to 85℃
-1-
%
Error amplifier block [Error Amp](CH1~CH4)
Threshold voltage
V
TH
FB=0.9V
0.69
0.70
0.71
V
V
T temperature stability
V
T/VT Ta = -30℃ to 85℃
-0.5
-
%
Input bias current
I
B
IN=0V
-320
-80
-
nA
Voltage gain
A
V
DC
-
100
-
dB


Similar Part No. - AT1382A

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1382B AIMTRON-AT1382B Datasheet
469Kb / 21P
   4-Channel DC-DC Converter for DSC
AT1382BF AIMTRON-AT1382BF Datasheet
469Kb / 21P
   4-Channel DC-DC Converter for DSC
More results

Similar Description - AT1382A

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1382B AIMTRON-AT1382B Datasheet
469Kb / 21P
   4-Channel DC-DC Converter for DSC
logo
List of Unclassifed Man...
AT1395 ETC-AT1395 Datasheet
329Kb / 18P
   5 CHANNEL DC-DC CONVERTER FOR DSC
logo
Global Mixed-mode Techn...
G2105 GMT-G2105 Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
G2105A GMT-G2105A Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
logo
List of Unclassifed Man...
AT1387A ETC1-AT1387A Datasheet
428Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1386 AIMTRON-AT1386 Datasheet
429Kb / 21P
   6-Channel DC-DC Converter for DSC
AT1397A AIMTRON-AT1397A Datasheet
696Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
Global Mixed-mode Techn...
G2204 GMT-G2204 Datasheet
35Kb / 1P
   7-Channel DC-DC Converter for DSC
G2202B GMT-G2202B Datasheet
28Kb / 1P
   7-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1393 AIMTRON-AT1393 Datasheet
724Kb / 22P
   6-Channel DC-DC Converter IC for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com