Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1369 Datasheet(PDF) 5 Page - Aimtron Technology

Part # AT1369
Description  2-Channel Synchronous Buck PWM Controller with Power Good Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1369 Datasheet(HTML) 5 Page - Aimtron Technology

  AT1369 Datasheet HTML 1Page - Aimtron Technology AT1369 Datasheet HTML 2Page - Aimtron Technology AT1369 Datasheet HTML 3Page - Aimtron Technology AT1369 Datasheet HTML 4Page - Aimtron Technology AT1369 Datasheet HTML 5Page - Aimtron Technology AT1369 Datasheet HTML 6Page - Aimtron Technology AT1369 Datasheet HTML 7Page - Aimtron Technology AT1369 Datasheet HTML 8Page - Aimtron Technology AT1369 Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AT1369
Preliminary Product Information
2-Channel Synchronous Buck PWM Controller
with Power Good Reset
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
5
Output source current
I
source
Duty
≥95% PDRV=0V
-
-130
-80
mA
Output sink current
I
sink
Duty
≤5% PDRV=5V
65
100
mA
R
OH
PDRV=-15mA
10
20
PDRV1,2 Output
Block
Output ON resistor
R
OL
PDRV=15mA
10
20
Output source current
I
source
Duty
≥95% NDRV=0V
-
-130
-80
mA
Output sink current
I
sink
Duty
≤5% NDRV=5V 65 100
mA
R
OH
NDRV=-15mA
10
20
NDRV1,2 Output
Block
Output ON resistor
R
OL
NDRV=15mA
10
20
V
IH
Active mode
VCC-
1
VCC
V
CTL input voltage
V
IL
Standby mode
0
VCC/
2
V
Control Block
CTL input Current
I
CTL
CTL=5.0V
20
µA
VCC reset ON voltage
V
RSTON1
4.10 4.20 4.30
V
VCC reset hysteresis
V
RSTON1 hys
-100
100
mV
3V3 reset ON voltage
V
RSTON2
2.94
3.0
3.06
V
3V3 reset hysteresis
V
RSTON2 hys
-60
60
mV
EI reset ON voltage
V
RSTON3
1.12 1.22 1.32
V
EI reset hysteresi
V
RSTON hys
-100
-
100
MV
Reset output voltage
V
OL
I
L =1mA
0.4
V
RESET Monitor
Block
Reset leakage current
I
Leak
2.0
µA


Similar Part No. - AT1369

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
AT1361X_GRE AIMTRON-AT1361X_GRE Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
AT1362 AIMTRON-AT1362 Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
AT1362A AIMTRON-AT1362A Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Global Mixed-mode Techn...
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
More results

Similar Description - AT1369

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1368 ETC-AT1368 Datasheet
549Kb / 13P
   1- Channel Synchronous Buck PWM Controller with Power Good Reset
logo
International Rectifier
IR3629 IRF-IR3629 Datasheet
586Kb / 23P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER WITH POWER GOOD OUTPUT
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
logo
Anpec Electronics Corop...
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
   Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com