Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4506 Datasheet(PDF) 5 Page - Ceramate Technical

Part # D4506
Description  5-CH BTL Driver for DVD Player
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

D4506 Datasheet(HTML) 5 Page - Ceramate Technical

  D4506 Datasheet HTML 1Page - Ceramate Technical D4506 Datasheet HTML 2Page - Ceramate Technical D4506 Datasheet HTML 3Page - Ceramate Technical D4506 Datasheet HTML 4Page - Ceramate Technical D4506 Datasheet HTML 5Page - Ceramate Technical D4506 Datasheet HTML 6Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CMD4506
5-CH BTL Driver for DVD Player
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 5 of 6
Rev 1.0 Oct. 6,2004
Application Circuit
10K
10K
10K
25K
25K
15K
1
3
4
5
67
89
10
11
12
13
14
15
16
17
18
PGND
28
27
26
25
24
23
22
21
20
19
25K
10K
Spindle
Driver
Actuator
Driver
Actuator
Driver
Sled
Driver
TRAY
DRIVER
Pre-DRV
Stand
by
Thermal
Shun Downt
2
PGND
VCC1
VCC2
VCC2
+
-
+
-
+
-
+
-
GND
VCC2
VCC1
SERVO
U-COM
12V
5V/12V
Tray
Voltage
Control
Focus Coil
Motor Loading
Sled Motor
Spindle Motor
Tracking Coil
Spindle
MUTE
Tacking VREF Focus Sled
FWD
REV


Similar Part No. - D4506

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
D4505 CERAMATE-D4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
logo
List of Unclassifed Man...
D450CHX ETC1-D450CHX Datasheet
379Kb / 4P
   DISTRIBUTED GATE THYRISTORS
logo
Infineon Technologies A...
D450S INFINEON-D450S Datasheet
160Kb / 5P
   Schnelle Diode Fast Diode
2010-01-18 revision:3.1
logo
PETERMANN-TECHNIK
D450TFN PETERMANN-D450TFN Datasheet
83Kb / 7P
   HIGH RELIABILITY FOR LOW COST
More results

Similar Description - D4506

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4509 CERAMATE-CMD4509 Datasheet
202Kb / 6P
   5-CH BTL Driver for DVD Player
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
logo
Unisonic Technologies
UA8868S UTC-UA8868S Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868 UTC-UA8868_15 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com