Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1305-GRE Datasheet(PDF) 8 Page - Aimtron Technology

Part # AT1305-GRE
Description  PFM Step-Up DC/DC Converter with LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1305-GRE Datasheet(HTML) 8 Page - Aimtron Technology

Back Button AT1305-GRE Datasheet HTML 4Page - Aimtron Technology AT1305-GRE Datasheet HTML 5Page - Aimtron Technology AT1305-GRE Datasheet HTML 6Page - Aimtron Technology AT1305-GRE Datasheet HTML 7Page - Aimtron Technology AT1305-GRE Datasheet HTML 8Page - Aimtron Technology AT1305-GRE Datasheet HTML 9Page - Aimtron Technology AT1305-GRE Datasheet HTML 10Page - Aimtron Technology AT1305-GRE Datasheet HTML 11Page - Aimtron Technology AT1305-GRE Datasheet HTML 12Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AT1305
Preliminary Product Information
PFM Step-Up DC/DC Converter with LDO
7F, No.9,PARK AVENUE. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
2/8/2006 REV:1.1
Email: service@aimtron.com.tw
8
Typical Operating Charateristics
1Cell and USB Power Input
Vin(V)
0
85
1.0
1.1
1.3 1.4
Efficiency (Load at LDO output)
80
75
70
90
L=33uH
VDD=2.91V
Iout=100mA
1.2
0.9
1.5


Similar Part No. - AT1305-GRE

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
AT1303M-GRE AIMTRON-AT1303M-GRE Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
AT1303P AIMTRON-AT1303P Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
AT1303P-GRE AIMTRON-AT1303P-GRE Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
List of Unclassifed Man...
AT1308 ETC1-AT1308 Datasheet
377Kb / 15P
   Preliminary Product Information Micro-Power Step up DC-DC Converter
More results

Similar Description - AT1305-GRE

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
   PFM Step-up DC/DC Converter
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
   PFM Step-up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2821 KEXIN-RCR2821 Datasheet
323Kb / 5P
   PFM Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX_07 Datasheet
507Kb / 19P
   PFM Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com