Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T15L25BFI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70T15L25BFI
Description  HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T15L25BFI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70T15L25BFI Datasheet HTML 1Page - Integrated Device Technology IDT70T15L25BFI Datasheet HTML 2Page - Integrated Device Technology IDT70T15L25BFI Datasheet HTML 3Page - Integrated Device Technology IDT70T15L25BFI Datasheet HTML 4Page - Integrated Device Technology IDT70T15L25BFI Datasheet HTML 5Page - Integrated Device Technology IDT70T15L25BFI Datasheet HTML 6Page - Integrated Device Technology IDT70T15L25BFI Datasheet HTML 7Page - Integrated Device Technology IDT70T15L25BFI Datasheet HTML 8Page - Integrated Device Technology IDT70T15L25BFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
©2002 Integrated Device Technology, Inc.
AUGUST 2002
DSC 5663/1
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
CEL
OEL
BUSYL
A13L(1)
A0L
5663 drw 01
I/O0L-I/O8L
CEL
OEL
R/
WL
SEML
INTL
M/
S
BUSYR
A13R(1)
A0R
SEMR
INTR
CER
OER
(3)
(2,3)
(3)
R/
WR
CER
OER
R/
WR
14
14
I/O0R-I/O8R
(2,3)
.unctional Block Diagram
x
M/
S = VIH for BUSY output flag on Master
M/
S = VIL for BUSY input on Slave
x
Busy and Interrupt Flag
x
On-chip port arbitration logic
x
Full on-chip hardware support of semaphore signaling
between ports
x
Fully asynchronous operation from either port
x
LVTTL-compatible, single 2.5V (±100mV) power supply
x
Available in an 80-pin TQFP and 100-pin fpBGA
x
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
.eatures
x
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
x
High-speed access
– Commercial:20/25ns (max.)
– Industrial: 25ns (max.)
x
Low-power operation
– IDT70T16/5L
Active: 200mW (typ.)
Standby: 600
µW (typ.)
x
IDT70T16/5 easily expands data bus width to 18 bits or
more using the Master/Slave select when cascading more
than one device
HIGH-SPEED 2.5V
16/8K X 9 DUAL-PORT
STATIC RAM
IDT70T16/5L
NOTES:
1.
A13 is a NC for IDT70T15.
2. (MASTER):
BUSY is output; (SLAVE): BUSY is input.
3.
BUSY outputs and INT outputs are non-tri-stated push-pull drivers.
PRELIMINARY


Similar Part No. - IDT70T15L25BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T24L IDT-IDT70T24L Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BF IDT-IDT70T24L20BF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BFI IDT-IDT70T24L20BFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PF IDT-IDT70T24L20PF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PFI IDT-IDT70T24L20PFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T15L25BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169L IDT-IDT70T9169L Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com