Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T16L25BFI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT70T16L25BFI
Description  HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T16L25BFI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT70T16L25BFI Datasheet HTML 6Page - Integrated Device Technology IDT70T16L25BFI Datasheet HTML 7Page - Integrated Device Technology IDT70T16L25BFI Datasheet HTML 8Page - Integrated Device Technology IDT70T16L25BFI Datasheet HTML 9Page - Integrated Device Technology IDT70T16L25BFI Datasheet HTML 10Page - Integrated Device Technology IDT70T16L25BFI Datasheet HTML 11Page - Integrated Device Technology IDT70T16L25BFI Datasheet HTML 12Page - Integrated Device Technology IDT70T16L25BFI Datasheet HTML 13Page - Integrated Device Technology IDT70T16L25BFI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
6.42
IDT70T16/5L
High-Speed 2.5V 16/8K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
10
PRELIMINARY
Timing Waveform of Semaphore Read after Write Timing, Either Side(1)
Timing Waveform of Semaphore Write Condition(1,3,4)
SEM
5663 drw 09
tAW
tSOP
I/O
VALID ADDRESS
tSAA
R/W
tWR
tOH
tACE
VALID ADDRESS
DATAIN
VALID
DATAOUT
tDW
tDH
tAS
tAOE
Read Cycle
Write Cycle
A0-A2
OE
VALID(2)
tSWRD
tEW
tWP
SEM"A"
5663 drw 10
tSPS
MATCH
R/
W"A"
MATCH
A0"A"-A2"A"
SIDE
"A"
(2)
SEM"B"
R/
W"B"
SIDE
"B"
(2)
A0"B"-A2"B"
NOTES:
1.
CE = VIH for the duration of the above timing (both write and read cycle).
2. “DATAOUT VALID” represents all I/O's (I/O0-I/O8) equal to the semaphore value.
NOTES:
1. DOR = DOL =VIH,
CER = CEL =VIH.
2. All timing is the same for left and right ports. Port“A” may be either left or right port. “B” is the opposite port from “A”.
3. This parameter is measured from R/
W“A” or SEM“A” going HIGH to R/W“B” or SEM“B” going HIGH.
4. If tSPS is not satisfied, there is no guarantee which side will obtain the semaphore flag.


Similar Part No. - IDT70T16L25BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T24L IDT-IDT70T24L Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BF IDT-IDT70T24L20BF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BFI IDT-IDT70T24L20BFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PF IDT-IDT70T24L20PF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PFI IDT-IDT70T24L20PFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T16L25BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169L IDT-IDT70T9169L Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com