Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T15A999BFI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70T15A999BFI
Description  HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T15A999BFI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70T15A999BFI Datasheet HTML 1Page - Integrated Device Technology IDT70T15A999BFI Datasheet HTML 2Page - Integrated Device Technology IDT70T15A999BFI Datasheet HTML 3Page - Integrated Device Technology IDT70T15A999BFI Datasheet HTML 4Page - Integrated Device Technology IDT70T15A999BFI Datasheet HTML 5Page - Integrated Device Technology IDT70T15A999BFI Datasheet HTML 6Page - Integrated Device Technology IDT70T15A999BFI Datasheet HTML 7Page - Integrated Device Technology IDT70T15A999BFI Datasheet HTML 8Page - Integrated Device Technology IDT70T15A999BFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
6.42
IDT70T16/5L
High-Speed 2.5V 16/8K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
PRELIMINARY
Description
The IDT70T16/5 is a high-speed 16/8K x 9 Dual-Port Static RAM.
The IDT70T16/5 is designed to be used as stand-alone Dual-Port RAMs
or as a combination MASTER/SLAVE Dual-Port RAM for 18-bit-or-more
wider systems. Using the IDT MASTER/SLAVE Dual-Port RAM ap-
proachin18-bitorwidermemorysystemapplicationsresultsinfull-speed,
error-free operation without the need for additional discrete logic.
This device provides two independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access for
reads or writes to any location in memory. An automatic power down
feature controlled by
CEpermitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technology, these
devices typically operate on only 200mW of power.
TheIDT70T16/5ispackagedinan80-pinTQFP(ThinQuadFlatpack)
and a 100-pin fpBGA (fine pitch Ball Grid array) .
Pin Configurations(1,2,3,4)
NOTES:
1.
A13 is a NC for IDT70T15.
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground supply.
4. Package body is approximately 1.18 in x 1.18 in x 0.16 in.
5. This package code is used to reference the package diagram.
6. This text does not imply orientation of Part-marking.
INDEX
IDT70T16/5PF
PN80-1(5)
80-Pin TQFP
Top View(6)
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
58
57
56
55
54
53
52
51
50
49
48
47
46
59
60
45
I/O2L
VSS
VSS
A4R
BUSYL
BUSYR
INTR
INTL
VSS
M/
S
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
I/O0R
I/O1R
I/O2R
VDD
I/O3R
I/O4R
I/O5R
A3R
A2R
A1R
A0R
A0L
A1L
A2L
A3L
A4L
17
18
19
20
I/O6R
NC
VDD
44
43
42
41
NC
A5L
NC
5663 drw 02
NC
NC
NC
,
07/11/02


Similar Part No. - IDT70T15A999BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T24L IDT-IDT70T24L Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BF IDT-IDT70T24L20BF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BFI IDT-IDT70T24L20BFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PF IDT-IDT70T24L20PF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PFI IDT-IDT70T24L20PFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T15A999BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169L IDT-IDT70T9169L Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com