Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH08T210WAH Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T210WAH
Description  30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T210WAH Datasheet(HTML) 2 Page - Texas Instruments

  PTH08T210WAH Datasheet HTML 1Page - Texas Instruments PTH08T210WAH Datasheet HTML 2Page - Texas Instruments PTH08T210WAH Datasheet HTML 3Page - Texas Instruments PTH08T210WAH Datasheet HTML 4Page - Texas Instruments PTH08T210WAH Datasheet HTML 5Page - Texas Instruments PTH08T210WAH Datasheet HTML 6Page - Texas Instruments PTH08T210WAH Datasheet HTML 7Page - Texas Instruments PTH08T210WAH Datasheet HTML 8Page - Texas Instruments PTH08T210WAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
www.ti.com
PTH08T210W
2,6
5, 9
13
+
12
VI
Track
GND
TT
7,8
3,4
GND
GND
+Sense
10
L
O
A
D
−Sense
GND
+
1
Inhibit
INH/UVLO
Track
14
11
−Sense
+Sense
UDG−05097
RTT
1%
0.05 W
(Optional)
CO
470
µF
(Required)
VO
RSET
1%
0.05 W
(Required)
CI
470
µF
(Required)
RUVLO
1%
0.05 W
(Opional)
VOAdj
TurboTranst
VO
VI
PTH08T210W
SLTS262D – OCTOBER 2005 – REVISED OCTOBER 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
A.
RSET is required to set the output voltage higher than 0.7 V. See the Electrical Characteristics table.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
2
Submit Documentation Feedback


Similar Part No. - PTH08T210WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T210W TI-PTH08T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans?
More results

Similar Description - PTH08T210WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T210W TI-PTH08T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans?
PTH05T210W TI-PTH05T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS?
PTH05T210W TI-PTH05T210W Datasheet
887Kb / 29P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
PTV08T250W TI-PTV08T250W Datasheet
2Mb / 30P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE w/ TurboTrans??TECHNOLOGY
PTH04T241WAD TI-PTH04T241WAD Datasheet
970Kb / 38P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T230W TI-PTH04T230W Datasheet
1Mb / 35P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T221W TI-PTH04T221W_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH04T260W TI-PTH04T260W Datasheet
1Mb / 35P
[Old version datasheet]   3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T220W TI-PTH04T220W_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com