Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3-P1-S2-1-1100-1 Datasheet(PDF) 2 Page - ITT Industries

Part # M3-P1-S2-1-1100-1
Description  Cm3 Connector Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

M3-P1-S2-1-1100-1 Datasheet(HTML) 2 Page - ITT Industries

  M3-P1-S2-1-1100-1 Datasheet HTML 1Page - ITT Industries M3-P1-S2-1-1100-1 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications and dimensions subject to change
www.ittcannon.com
Cm3
TM Connector Series
To order, simply select desired option from each category and place in the appropriate box.
Designation
M3
Housing/
Shielding Barrier
L
Shielding left
R
Shielding right
N
No shielding
0
Without basepart
Cover
1
With cover
0
Without cover
Fixing Screws
W
With 4 screws
0
Without screws
W
C
-
M3
B
L
-
1
0
0
0
-
1
0
-
0
Sealing Class
1
IP65 (standard)
2
IP67 *
Plating
0
Unplated
1
Light chromated
Power
0
Without insulator
1
With insulator
Signal Coding 0 (red)
0
Without insulator
1
With insulator
Signal Coding 1 (blue)
0
Without insulator
1
With insulator
Signal Coding 2 (yellow)
0
Without insulator
1
With insulator
Modification /
VS Code
0
no code
1
TBD
Designation
M3
POWER CRIMP
Cable Diameter
0
Without power line
1
Cable diameter from 7-8 mm
2
Cable diameter from 8-9 mm
3
Cable diameter from 9-10 mm
4
Cable diameter from 10-11 mm
-
S
-
M3
P
1
1
-
1
1
0
-
1
1
-
0
Sealing Class
1
IP65 (standard)
2
IP67 *
Power
0
Without insulator
1
With insulator
Signal Coding 0 (red)
0
Without insulator
1
With insulator
Signal Coding 1 (blue)
0
Without insulator
1
With insulator
Signal Coding 2 (yellow)
0
Without insulator
1
With insulator
Modification /
VS Code
0
no code
1
TBD
SIGNAL CRIMP
Cable Diameter
0
Without power line
1
Cable diameter from 7-8 mm
2
Cable diameter from 8-9 mm
3
Cable diameter from 9-10 mm
4
Cable diameter from 10-11 mm
Housing
Insulator
Cable Power
Cable Signal
Insulator
Contact Housing Side
Required
Packaging Unit
Order Number
D-sub signal pin / 0,25-0,5 mm2
18 x
5,000 per reel
980-2000-945
(S-sub signal pin / 0,08-0,2 mm2)
(18 x)
5,000 per reel
980-2000-946
Trident power pin 0,6-1,5 mm2
4 x
100
192991-0084
Contact Cable Side
Required
Packaging Unit
Order Number
Signal 1 mm Skt. / 0,14-1,0 mm2
max 18 x
100
980-8681-150
Signal 1 mm spring wire (opt.)
max 18 x
100
980-8681-023
Trident Power Skt. 0,6-1,5 mm2
3
100
192991-0047
Trident Power Skt. GND
1
100
031-8565-000
HOUSING ORDER CODE
CABLE SIDE ORDER CODE
* Please contact customer service for more information.
* Please contact customer service for more information.
1


Similar Part No. - M3-P1-S2-1-1100-1

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
M3-PJ PJSEMI-M3-PJ Datasheet
902Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - M3-P1-S2-1-1100-1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
TMM-1-0-20-1 AMPHENOL-TMM-1-0-20-1 Datasheet
58Kb / 2P
   TMM CONNECTOR SERIES
logo
ITT Industries
120220-0113 ITT-120220-0113 Datasheet
185Kb / 1P
   MOBILE CONNECTOR SERIES
logo
Amphenol Corporation
BE151 AMPHENOL-BE151 Datasheet
137Kb / 3P
   MUSB CONNECTOR SERIES
083-58FCP AMPHENOL-083-58FCP Datasheet
2Mb / 8P
   UHF Connector Series
logo
ITT Industries
KPSE06F16-26S ITT-KPSE06F16-26S Datasheet
369Kb / 2P
   26482 Series Connector
120220-0127 ITT-120220-0127 Datasheet
114Kb / 1P
   MOBILE CONNECTOR SERIES
logo
Hirose Electric
QRP1-12P-C HIROSE-QRP1-12P-C Datasheet
213Kb / 4P
   QP/P1 SERIES CONNECTOR
logo
Tyco Electronics
292132-2 MACOM-292132-2 Datasheet
662Kb / 6P
   AMP CT Connector Series
logo
Switchcraft, Inc.
EN3L2MC SWITCH-EN3L2MC Datasheet
22Kb / 1P
   MINI WEATHERTIGHT CONNECTOR SERIES
logo
Newhaven Display Intern...
MOLEX52745-0496 NEWHAVEN-MOLEX52745-0496 Datasheet
161Kb / 9P
   PITCH FPC CONNECTOR series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com