Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T16A20PFI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT70T16A20PFI
Description  HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T16A20PFI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT70T16A20PFI Datasheet HTML 1Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 2Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 3Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 4Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 5Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 6Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 7Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 8Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
6.42
IDT70T16/5L
High-Speed 2.5V 16/8K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
5
PRELIMINARY
Recommended DC Operating
Conditions
Maximum Operating
Temperature and Supply Voltage(1)
Absolute Maximum Ratings(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect reliability.
2. VTERM must not exceed VDD+ 0.3V.
3. Ambient Temperature Under Bias. No AC Conditions. Chip Deselected.
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
S y m bol
R a ting
C o m m e rcia l
& In du strial
Un it
V TERM(2 )
Te rm in a l V o lta g e
with Re sp e c t to G N D
-0 .5 to + 3 .6
V
TBIAS(3 )
Te m p e rature U n d e r B ias
-5 5 to + 1 2 5
o C
TSTG
S to ra g e Te m p e ra ture
-65 to + 1 50
o C
TJN
J u n c tio n Te m p e rature
+ 15 0
o C
IOUT
DC O u tp u t Cu rre n t
5 0
m A
5663 tb l 04
Grade
Am bient
Tem perature
GND
V DD
Co m m e rc ial
0OC to + 70OC0V
2.5V
+ 100m V
Ind ustrial
-40OC to + 85OC0V
2.5V
+ 100m V
5663 tbl 05
Sy m b o l
Param eter
M in .
T yp .
M ax.
Un it
V DD
S u p p ly Vo lta g e
2 . 4
2 . 5
2 . 6
V
V SS
Grou n d
0
0
0
V
V IH
In p u t H ig h Vo lta g e
1 . 7
____
V DD+0 . 3
(2 )
V
V IL
In p u t Lo w V o ltag e
-0.3
(1 )
____
0. 7
V
5663 tb l 06
Capacitance(1)(TA = +25°C,f = 1.0MHz)
NOTES:
1. This parameter is determined by device characteristics but is not production
tested.
2. 3dV references the interpolated capacitance when the input and output signals
switch from 0V to 3V or from 3V to 0V .
Sym bol
Param eter
Conditions(2)
Max.
Unit
CIN
Inp ut Cap acitanc e
V IN = 3d V
9
p F
C OUT
Outp ut Cap ac itance
V OUT = 3d V
10
p F
5663 tbl 07
DC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range (VDD = 2.5V ± 100mV)
NOTE:
1.
At VDD < 2.0V, Input leakages are undefined.
S y m bol
P ara m eter
T est C onditions
70T 16/ 5L
Un it
Mi n .
Ma x.
|ILI|
Inp ut Le ak ag e C urre nt
(1 )
V DD = 2.6V, V IN = 0V to V DD
__ _
5µ A
|ILO |
O utp ut L e ak ag e C urre nt
CE = V IH, V OUT = 0V to V DD
__ _
5µ A
V OL
O utp ut L o w Vo ltag e
IOL = +2mA
__ _
0. 4
V
V OH
O utp ut H ig h Vo ltag e
IOH = -2m A
2. 0
__ _
V
5663 tb l 0 8
NOTES:
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed VDD + 0.3V.


Similar Part No. - IDT70T16A20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T24L IDT-IDT70T24L Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BF IDT-IDT70T24L20BF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BFI IDT-IDT70T24L20BFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PF IDT-IDT70T24L20PF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PFI IDT-IDT70T24L20PFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T16A20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169L IDT-IDT70T9169L Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com