Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T15A20BF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT70T15A20BF
Description  HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T15A20BF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT70T15A20BF Datasheet HTML 3Page - Integrated Device Technology IDT70T15A20BF Datasheet HTML 4Page - Integrated Device Technology IDT70T15A20BF Datasheet HTML 5Page - Integrated Device Technology IDT70T15A20BF Datasheet HTML 6Page - Integrated Device Technology IDT70T15A20BF Datasheet HTML 7Page - Integrated Device Technology IDT70T15A20BF Datasheet HTML 8Page - Integrated Device Technology IDT70T15A20BF Datasheet HTML 9Page - Integrated Device Technology IDT70T15A20BF Datasheet HTML 10Page - Integrated Device Technology IDT70T15A20BF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
6.42
IDT70T16/5L
High-Speed 2.5V 16/8K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
7
PRELIMINARY
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range
70T16/5L20
Com 'l Only
70T16/5L25
Com 'l
& Ind
Unit
Sym bol
Param eter
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Re ad Cy c le Tim e
20
___ _
25
___ _
ns
tAA
Ad d re ss Acce ss Time
___ _
20
___ _
25
ns
tACE
Chip Enab le Acce ss Time (3)
___ _
20
___ _
25
ns
tAB E
Byte Enab le Acce ss Time (3)
___ _
20
___ _
25
ns
tAOE
O utp ut Enab le Acce ss Time (3)
___ _
12
___ _
13
ns
tOH
O utp ut Ho ld fro m A d d re s s Chang e
3
___ _
3
___ _
ns
tLZ
O utp ut Lo w-Z Tim e (1,2)
3
___ _
3
___ _
ns
tHZ
Outp ut Hig h-Z Tim e (1,2)
___ _
12
___ _
15
ns
tPU
Chip E nab le to P o we r Up Tim e (1,2)
0
___ _
0
___ _
ns
tPD
Chip Dis ab le to P o we r Do wn Tim e (1,2)
___ _
20
___ _
25
ns
tSOP
S e mapho re F lag Up date P uls e (
OE or SEM)10
___ _
10
___ _
ns
tSAA
Se map ho re Ad d re ss Acce ss (3)
___ _
20
___ _
25
ns
5 663 tb l 11
Waveform of Read Cycles(5)
tRC
R/
W
CE
ADDR
tAA
OE
5663 drw 05
(4)
tACE
(4)
tAOE
(4)
(1)
tLZ
tOH
(2)
tHZ
(3,4)
tBDD
DATAOUT
BUSYOUT
VALID DATA
(4)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure1).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL.
NOTES:
1. Timing depends on which signal is asserted last,
OE or CE.
2. Timing depends on which signal is de-asserted first,
CE or OE.
3. tBDD delay is required only in cases where the opposite port is completing a write operation to the same address location. For simultaneous read operations
BUSY
has no relation to valid output data.
4. Start of valid data depends on which timing becomes effective last: tAOE, tACE, tAA or tBDD.
5.
SEM = VIH.


Similar Part No. - IDT70T15A20BF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T24L IDT-IDT70T24L Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BF IDT-IDT70T24L20BF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BFI IDT-IDT70T24L20BFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PF IDT-IDT70T24L20PF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PFI IDT-IDT70T24L20PFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T15A20BF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169L IDT-IDT70T9169L Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com