Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78L12ACDG Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC78L12ACDG
Description  100 mA Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L12ACDG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC78L12ACDG Datasheet HTML 5Page - ON Semiconductor MC78L12ACDG Datasheet HTML 6Page - ON Semiconductor MC78L12ACDG Datasheet HTML 7Page - ON Semiconductor MC78L12ACDG Datasheet HTML 8Page - ON Semiconductor MC78L12ACDG Datasheet HTML 9Page - ON Semiconductor MC78L12ACDG Datasheet HTML 10Page - ON Semiconductor MC78L12ACDG Datasheet HTML 11Page - ON Semiconductor MC78L12ACDG Datasheet HTML 12Page - ON Semiconductor MC78L12ACDG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC78L00A Series, NCV78L00A
http://onsemi.com
9
ORDERING INFORMATION
Device
Output Voltage
Operating
Temperature Range
Package
Shipping
MC78L05ABD
SOIC−8
98 Units/Rail
MC78L05ABDG
SOIC−8
98 Units/Rail
MC78L05ABDR2
SOIC−8
2500 Tape & Reel
MC78L05ABDR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
NCV78L05ABDR2*
SOIC−8
2500 Tape & Reel
NCV78L05ABDR2G*
SOIC−8
(Pb−Free)
2500 Tape & Reel
MC78L05ABP
TO−92
2000 Units/Bag
MC78L05ABPG
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 Units/Bag
MC78L05ABPRA
TO−92
2000 Tape & Reel
MC78L05ABPRAG
TO−92
(Pb−Free)
2000 Tape & Reel
MC78L05ABPRE
TO−92
2000 Tape & Reel
MC78L05ABPREG
TO−92
(Pb−Free)
2000 Tape & Reel
MC78L05ABPRM
TO−92
2000 Ammo Pack
MC78L05ABPRMG
TO−92
(Pb−Free)
2000 Ammo Pack
MC78L05ACD
5.0 V
SOIC−8
98 Units/Rail
MC78L05ACDG
SOIC−8
(Pb−Free)
98 Units/Rail
MC78L05ACDR2
SOIC−8
2500 Tape & Reel
MC78L05ACDR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
MC78L05ACP
TO−92
2000 Units/Bag
MC78L05ACPG
TO−92
(Pb−Free)
2000 Units/Bag
MC78L05ACPRA
TO−92
2000 Tape & Reel
MC78L05ACPRAG
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 Tape & Reel
MC78L05ACPRE
TO−92
2000 Tape & Reel
MC78L05ACPREG
TO−92
(Pb−Free)
2000 Tape & Reel
MC78L05ACPRM
TO−92
2000 Ammo Pack
MC78L05ACPRMG
TO−92
(Pb−Free)
2000 Ammo Pack
MC78L05ACPRP
TO−92
2000 Ammo Pack
MC78L05ACPRPG
TO−92
(Pb−Free)
2000 Ammo Pack
*NCV78L05A: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change control.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC78L12ACDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L12ACDG ONSEMI-MC78L12ACDG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
MC78L12ACDG ONSEMI-MC78L12ACDG Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
MC78L12ACDG ONSEMI-MC78L12ACDG Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
More results

Similar Description - MC78L12ACDG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
MC78L00A ONSEMI-MC78L00A_10 Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
MC78L18ABPG ONSEMI-MC78L18ABPG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
logo
Suntac Electronic Corp.
STC78L00 SUNTAC-STC78L00 Datasheet
111Kb / 7P
   100 mA Positive oltage Regulators
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com