Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T51333L5BB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72T51333L5BB
Description  2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T51333L5BB Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72T51333L5BB Datasheet HTML 5Page - Integrated Device Technology IDT72T51333L5BB Datasheet HTML 6Page - Integrated Device Technology IDT72T51333L5BB Datasheet HTML 7Page - Integrated Device Technology IDT72T51333L5BB Datasheet HTML 8Page - Integrated Device Technology IDT72T51333L5BB Datasheet HTML 9Page - Integrated Device Technology IDT72T51333L5BB Datasheet HTML 10Page - Integrated Device Technology IDT72T51333L5BB Datasheet HTML 11Page - Integrated Device Technology IDT72T51333L5BB Datasheet HTML 12Page - Integrated Device Technology IDT72T51333L5BB Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T51333/72T51343/72T51353 2.5V, MULTI-QUEUE FLOW-CONTROL DEVICES
(8 QUEUES) 18 BIT WIDE CONFIGURATION 589,824, 1,179,648 and 2,359,296 bits
PIN DESCRIPTIONS (CONTINUED)
Symbol &
Name
I/O TYPE
Description
Pin No.
RCLK
Read Clock
HSTL-LVTTL When enabled by
REN, the rising edge of RCLK reads data from the selected queue via the output
(T10)
INPUT
bus Qout. The queue to be read is selected via the RDADD address bus and a rising edge of RCLK
while RADEN is HIGH. A rising edge of RCLK in conjunction with ESTR and RDADD will also select the
PAEnflagquadranttobeplacedonthePAEnbusduringdirectflagoperation.Duringpolledflagoperation
the
PAEnbusiscycledwithrespecttoRCLKandtheESYNCsignalissynchronizedtoRCLK.ThePAE
and
OV outputs are all synchronized to RCLK. During device expansion the EXO and EXI signals are
based on RCLK. RCLK must be continuous and free-running.
RDADD
Read Address
HSTL-LVTTL For the 8Q device the RDADD bus is 6 bits. The RDADD bus is a dual purpose address bus. The first
[5:0]
Bus
INPUT
function of RDADD is to select a queue to be read from. The least significant 3 bits of the bus, RDADD[2:0]
(RDADD5-P16
are used to address 1 of 8 possible queues within a multi-queue device. The most significant 3 bits,
RDADD4-P15
RDADD[5:3] are used to select 1 of 8 possible multi-queue devices that may be connected in expansion
RDADD3-P14
mode. These 3 MSB’s will address a device with the matching ID code. The address present on the
RDADD2-N14
RDADD bus will be selected on a rising edge of RCLK provided that RADEN is HIGH, (note, that data
RDADD1-M16
can be placed on to the Qout bus, read from the previously selected queue on this RCLK edge). On the
RDADD0-M15)
next rising RCLK edge after a read queue select, a data word from the previous queue will be placed onto
the outputs, Qout, regardless of the
RENinput.TwoRCLKrisingedgesafterreadqueueselect,datawill
be placed on to the Qout outputs from the newly selected queue, regardless of
REN duetothefirstword
fallthrougheffect.
The second function of the RDADD bus is to select the device of queues to be loaded on to the
PAEnbus
during strobed flag mode. The most significant 3 bits, RDADD[5:3] are again used to select 1 of 8
possible multi-queue devices that may be connected in expansion mode. Address bits RDADD[2:0] are
don’t care during quadrant selection. The quadrant address present on the RDADD bus will be selected
on the rising edge of RCLK provided that ESTR is HIGH, (note, that data can be placed on to the Qout
bus, read from the previously selected queue on this RCLK edge). Please refer to Table 2 for details
on RDADD bus.
REN
Read Enable
HSTL-LVTTL The
REN input enables read operations from a selected queue based on a rising edge of RCLK. A
(T11)
INPUT
queue to be read from can be selected via RCLK, RADEN and the RDADD address bus regardless
ofthestateof
REN.DatafromanewlyselectedqueuewillbeavailableontheQoutoutputbusonthesecond
RCLK cycle after queue selection regardless of
REN due to the FWFT operation. A read enable is not
required to cycle the
PAEn bus (in polled mode) or to select the device, (in direct mode).
SCLK
Serial Clock
HSTL-LVTTL If serial programming of the multi-queue device has been selected during master reset, the SCLK input
(N3)
INPUT
clocks the serial data through the multi-queue device. Data setup on the SI input is loaded into the device
ontherisingedgeofSCLKprovidedthat
SENIisenabled,LOW.Whenexpansionofdevicesisperformed
the SCLK of all devices should be connected to the same source.
SENI
Serial Input
HSTL-LVTTL During serial programming of a multi-queue device, data loaded onto the SI input will be clocked into the
(M2)
Enable
INPUT
part (via a rising edge of SCLK), provided the
SENI input of that device is LOW. If multiple devices are
cascaded, the
SENIinputshouldbeconnectedtotheSENOoutputofthepreviousdevice.Sowhenserial
loading of a given device is complete, its
SENO output goes LOW, allowing the next device in the chain
to be programmed (
SENOwillfollowSENIofagivendeviceoncethatdeviceisprogrammed).TheSENI
input of the master device (or single device), should be controlled by the user.
SENO
SerialOutput
HSTL-LVTTL This output is used to indicate that serial programming or default programming of the multi-queue device
(M1)
Enable
OUTPUT
has been completed.
SENOfollowsSENIonceprogrammingofadeviceiscomplete.Therefore,SENO
will go LOW after programming provided
SENI is LOW, onceSENI istakenHIGHagain,SENOwillalso
go HIGH. When the
SENOoutputgoesLOW,thedeviceisreadytobeginnormalread/writeoperations.
If multiple devices are cascaded and serial programming of the devices will be used, the
SENO output
should be connected to the
SENI input of the next device in the chain. When serial programming of the
first device is complete,
SENO will go LOW, thereby taking the SENI input of the next device LOW and
so on throughout the chain. When a given device in the chain is fully programmed the
SENO output
essentiallyfollowsthe
SENIinput.TheusershouldmonitortheSENOoutputofthefinaldeviceinthechain.
When this output goes LOW, serial loading of all devices has been completed.
SI
Serial In
HSTL-LVTTL Duringserialprogrammingthispinisloadedwiththeserialdatathatwillconfigurethemulti-queuedevices.
(L1)
INPUT
Data present on SI will be loaded on a rising edge of SCLK provided that
SENI is LOW. In expansion


Similar Part No. - IDT72T51333L5BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BB IDT-IDT72T51233L5BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BBI IDT-IDT72T51233L5BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BB IDT-IDT72T51233L6BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BBI IDT-IDT72T51233L6BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T51333L5BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51236 IDT-IDT72T51236 Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51546 IDT-IDT72T51546 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
logo
Renesas Technology Corp
IDT72V51236 RENESAS-IDT72V51236 Datasheet
650Kb / 57P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51543 IDT-IDT72T51543 Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51436 RENESAS-IDT72V51436 Datasheet
673Kb / 58P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51233 RENESAS-IDT72V51233 Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V51233 IDT-IDT72V51233 Datasheet
464Kb / 50P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T6360 IDT-IDT72T6360 Datasheet
483Kb / 51P
   2.5V SEQUENTIAL FLOW-CONTROL DEVICE 36 BIT WIDE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com