Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27222MX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27222MX
Description  High-Speed 4.5A Synchronous MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27222MX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM27222MX Datasheet HTML 3Page - National Semiconductor (TI) LM27222MX Datasheet HTML 4Page - National Semiconductor (TI) LM27222MX Datasheet HTML 5Page - National Semiconductor (TI) LM27222MX Datasheet HTML 6Page - National Semiconductor (TI) LM27222MX Datasheet HTML 7Page - National Semiconductor (TI) LM27222MX Datasheet HTML 8Page - National Semiconductor (TI) LM27222MX Datasheet HTML 9Page - National Semiconductor (TI) LM27222MX Datasheet HTML 10Page - National Semiconductor (TI) LM27222MX Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Information
GENERAL
The LM27222 is designed for high speed and high operating
reliability. The driver can handle very narrow, down to zero,
PWM pulses in a guaranteed, deterministic way. Therefore,
the HG and LG outputs are always in predictable states. No
latches are used in the HG and LG control logic so the
drivers cannot get "stuck" in the wrong state. The driver
design allows for powering up with a pre-biasing voltage
being present at the regulator output. To reduce conduction
losses in DC-DC converters with low duty factors the
LM27222 driver can be powered from a 6.5V ±5% power
rail.
It is recommended to use the same power rail for both the
controller and driver. If two different power rails are used,
never allow the PWM pulse magnitude at the IN input or the
control voltage at the LEN input to be above the driver V
CC
voltage or unpredictable HG and LG outputs pulse widths
may result.
MINIMUM PULSE WIDTH
As the input pulse width to the IN pin is decreased, the pulse
width of the high-side gate drive (HG-SW) also decreases.
However, for input pulse widths 60ns and smaller, the
HG-SW remains constant at 30ns. Thus the minimum pulse
width of the driver output is 30ns. Figure 5 shows an input
pulse at the IN pin 20ns wide, and the output of the driver, as
measured between the nodes HG and SW is a 30ns wide
pulse. Figure 6 shows the variation of the SW node pulse
width vs IN pulse width. At the IN pin, if a falling edge is
followed by a rising edge within 5ns, the HG may ignore the
rising edge and remain low until the IN pin toggles again. If a
rising edge is followed by a falling edge within 5ns, the pulse
may be completely ignored.
ADAPTIVE SHOOT-THROUGH PROTECTION
The LM27222 prevents shoot-through power loss by ensur-
ing that both the high- and low-side MOSFETs are not con-
ducting at the same time. When the IN signal rises, LG is first
pulled down. The adaptive shoot-through protection circuit
waits for LG to reach 0.9V before turning on HG. Similarly,
when IN goes low, HG is pulled down first, and the circuit
turns LG on only after the voltage difference between the
high-side gate and the switch node, i.e. HG-SW, has fallen to
0.9V.
It is possible in some applications that at power-up the
driver’s SW pin is above 3V in either buck or boost com-
verter applications. For instance, in a buck configuration a
pre-biasing voltage can be either a voltage from anothert
power rail connected to the load, or a leakage voltage
through the load, or it can be an output capacitor pre-
charged above 3V while no significant load is present. In a
boost application it can be an input voltage rail above 3V.
In the case of insufficient initial CB-SW voltage (less than
2V) such as when the output rail is pre-biased, the shoot-
through protection circuit holds LG low for about 170ns,
beginning from the instant when IN goes high. After the
170ns delay, the status of LG is dictated by LEN and IN.
Once LG goes high and SW goes low, the bootstrap capaci-
tor will be charged up (assuming SW is grounded for long
enough time). As a result, CB-SW will be close to 5V and the
LM27222 will now fully support synchronous operation.
The dead-time between the high- and low-side pulses is kept
as small as possible to minimize conduction through the
body diode of the low-side MOSFET(s).
20117905
FIGURE 5. Min On Time
20117906
FIGURE 6.
www.national.com
7


Similar Part No. - LM27222MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27222MX/NOPB TI-LM27222MX/NOPB Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
More results

Similar Description - LM27222MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27222 TI-LM27222_15 Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
   High Speed Synchronous/Asynchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Semtech Corporation
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
   High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com