Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGT30N60B2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGT30N60B2
Description  HiPerFAST IGBT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGT30N60B2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGT30N60B2 Datasheet HTML 1Page - IXYS Corporation IXGT30N60B2 Datasheet HTML 2Page - IXYS Corporation IXGT30N60B2 Datasheet HTML 3Page - IXYS Corporation IXGT30N60B2 Datasheet HTML 4Page - IXYS Corporation IXGT30N60B2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH 30N60B2
IXGT 30N60B2
IXYS MOSFETs and IGBTs are covered by one or more
of the following U.S. patents:
4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1
4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665
6,534,343
6,583,505
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= 24 A; V
CE = 10 V,
18
26
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
1500
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
115
pF
C
res
40
pF
Q
g
66
nC
Q
ge
I
C = 24 A, VGE = 15 V, VCE = 300 V
9
nC
Q
gc
22
nC
t
d(on)
13
ns
t
ri
15
ns
t
d(off)
110
200
ns
t
fi
82
150
ns
E
off
0.32
0.6 mJ
t
d(on)
13
ns
t
ri
17
ns
E
on
0.22
mJ
t
d(off)
200
ns
t
fi
150
ns
E
off
0.9
mJ
R
thJC
0.65 K/W
R
thCK
(TO-247)
0.25
K/W
Inductive load, T
J = 25°
°°°°C
I
C = 24 A, VGE = 15 V
V
CE = 400 V, RG = 5 Ω
Inductive load, T
J = 125°
°°°°C
I
C = 24 A, VGE = 15 V
V
CE = 400 V, RG = 5 Ω
TO-247 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
TO-268 Outline
Min. Recommended Footprint
(Dimensions in inches and mm)


Similar Part No. - IXGT30N60B2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGT30N60B2D1 IXYS-IXGT30N60B2D1 Datasheet
606Kb / 6P
   HiPerFAST IGBT
More results

Similar Description - IXGT30N60B2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
   HiPerFAST IGBT
IXGH20N30 IXYS-IXGH20N30 Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH40N30S IXYS-IXGH40N30S Datasheet
94Kb / 2P
   HiPerFAST IGBT
IXGH40N30A IXYS-IXGH40N30A Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH22N50B IXYS-IXGH22N50B Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
   HiPerFAST IGBT
IXGH50N60B IXYS-IXGH50N60B Datasheet
182Kb / 4P
   HiPerFAST IGBT
IXGE200N60B IXYS-IXGE200N60B Datasheet
67Kb / 2P
   HiPerFAST IGBT
IXGA15N120C IXYS-IXGA15N120C Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGH40N60B2 IXYS-IXGH40N60B2 Datasheet
584Kb / 5P
   HiPerFAST IGBT
IXGK35N120C IXYS-IXGK35N120C Datasheet
128Kb / 2P
   HiPerFAST IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com