Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5401 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT5401
Description  Catalyst Semiconductor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5401 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT5401 Datasheet HTML 2Page - Catalyst Semiconductor CAT5401 Datasheet HTML 3Page - Catalyst Semiconductor CAT5401 Datasheet HTML 4Page - Catalyst Semiconductor CAT5401 Datasheet HTML 5Page - Catalyst Semiconductor CAT5401 Datasheet HTML 6Page - Catalyst Semiconductor CAT5401 Datasheet HTML 7Page - Catalyst Semiconductor CAT5401 Datasheet HTML 8Page - Catalyst Semiconductor CAT5401 Datasheet HTML 9Page - Catalyst Semiconductor CAT5401 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Visit our website for samples, data sheets, and additional product information.
4
ALO
GENFR
TM
LEAD FREE
Featured Products
w h i t e l e d d r i v e r s
CAT3606
6-Channel Fractional Charge Pump LED Driver
Features
independent dimming and standby control
for Main and Sub displays
automatically switches from 1x LDO mode to
1.5x boost mode
inductor-less design minimizes EMI
interference
drives up to 6 Parallel LEDs at 30mA per
channel
very low input ripple and noise
“zero”shutdown current extends battery life
power efficiency up to 90%
short circuit detect/disable on all channels
optimized for use with Lithium-Ion battery systems
Package Information
16-pad TQFN (4x4mm,height 0.8mm max)
+
-
1.2V
Reference
1MHz
Oscillator
VIN
CIN
3≤VIN≤4.2V
Battery
EN
RSET
RSET
ENM
ENS
LED Output
Selection
Current
Setting
Mode Control
1x mode (LDO)
1.5x Charge Pump
CAT3606
LED1
LED2
LED3
LED4
LED5
LED6
6 Current
Sink Regulators
COUT
20mA
VOUT
C1-
C2-
C1+
C2+
Sub
Main
GND
CAT3604
4-Channel Fractional Charge Pump LED Driver
Features
automatically switches from 1x LDO mode to
1.5x boost mode
inductor-less design minimizes EMI interference
drives up to 4 Parallel LEDs at 30mA per channel
very low input ripple and noise
“zero”shutdown current extends battery life
power efficiency up to 93%
optimized for use with Lithium-Ion battery
systems
Package Information
16 pad TQFN (4x4mm,height 0.8mm max)
CAT3604
+
-
C1+
C2+
C1-
C2-
VIN
EN
CTR0
CTR1
CTR2
RSET
VOUT
LED1
LED2
LED3
LED4
COUT
20mA
RSET
VIN
3V to 4.2V
Battery
EN
Control 0
Control 1
Control 2
CIN
GND


Similar Part No. - CAT5401

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
CAT5401 ONSEMI-CAT5401 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401 Datasheet
96Kb / 17P
   Four linear-taper digitally programmable potentiometers
CAT5401WI-00 CATALYST-CAT5401WI-00 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
More results

Similar Description - CAT5401

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
9200 CISCO-9200 Datasheet
1Mb / 54P
   Cisco Catalyst 9200 Series Switches
2023
9500 CISCO-9500 Datasheet
1Mb / 52P
   Cisco Catalyst 9500 Series Switches
2023
9300 CISCO-9300 Datasheet
3Mb / 74P
   Cisco Catalyst 9300 Series Switches
2023
9400 CISCO-9400 Datasheet
583Kb / 22P
   Cisco Catalyst 9400 Series Switch
2023
9800-80 CISCO-9800-80 Datasheet
947Kb / 23P
   Cisco Catalyst 9800-80 Wireless Controller
2022
9130AX CISCO-9130AX Datasheet
1Mb / 17P
   Cisco Catalyst 9130AX Series Access Points
2023
9124AX CISCO-9124AX Datasheet
2Mb / 23P
   Cisco Catalyst 9124AX Series Access Points
2023
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com