Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5269 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT5269
Description  Catalyst Semiconductor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5269 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT5269 Datasheet HTML 6Page - Catalyst Semiconductor CAT5269 Datasheet HTML 7Page - Catalyst Semiconductor CAT5269 Datasheet HTML 8Page - Catalyst Semiconductor CAT5269 Datasheet HTML 9Page - Catalyst Semiconductor CAT5269 Datasheet HTML 10Page - Catalyst Semiconductor CAT5269 Datasheet HTML 11Page - Catalyst Semiconductor CAT5269 Datasheet HTML 12Page - Catalyst Semiconductor CAT5269 Datasheet HTML 13Page - Catalyst Semiconductor CAT5269 Datasheet HTML 14Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Visit our website for samples, data sheets, and additional product information.
8
ALO
GENFR
TM
LEAD FREE
PRODUCT LIST
DC-DC CONVERTERs
Part
Number
Operating
Modes
Input
Voltage
Ground
Current
Output
Current
Switching
Frequency
Output
Impedence
Internal
Regulation
Packages (Pin Count)1
DIP
(P,L,GL)
MSOP
(R,Z,GZ)
SOIC
(S,V,GV)
TSOT23
(TS,TD,GTD)
TDFN
(RD8,ZD8,GD8)
(4 x 4 mm)
CAT3200
2xVIN
2.7-4.5V
1.6mA
100mA
2MHz
10
Ω
Yes
8
CAT3200-5
2xVIN
2.7-4.5V
1.6mA
100mA
2MHz
10
Ω
Yes
6
CAT660
2xVIN , -1xVIN 1.5-5.5V 0.3mA 100mA 10/80kHz
4
Ω
No
8
8
8
CAT661
2xVIN , -1xVIN 1.5-5.5V 0.3mA 100mA 25/135kHz
4
Ω
No
8
8
8
APPLICATION LITERATURE / EVALUATION AND DEMONSTRATION BOARDS
Document
Number
Title
AN15
CAT3200DB1 Board Hardware for the CAT3200 DC-DC Converter
AN18
CAT660EVAL1 Evaluation Board for the CAT660 Charge Pump Voltage Converter
PRODUCT LIST
LOW VOLTAGE SHUNT REGULATORs
Part
Number
Reference
Voltage (V)
Reference
Voltage Across Temp2
Initial Accuracy
Packages (Pin Count)1
Min
Max
SOT23
(TP,TB,GTB)
TO-92
(TN,TL,GTL)
CAT102
0.6
0.588
0.612
+1%
5
CAT431L
1.24
1.228
1.252
+0.5%
3,5
3
d c - d c c o n v e r t e r s / s h u n t r e g u l a t o r s
Notes:
1. Available in standard and“green”packages.
2. Operating temp range of -40˚C to +85˚C with junction temperatures from -40˚C to +105˚C.
All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com.


Similar Part No. - CAT5269

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5269 CATALYST-CAT5269 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
CAT5269 ONSEMI-CAT5269 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
logo
Catalyst Semiconductor
CAT5269B-00TE13 CATALYST-CAT5269B-00TE13 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
More results

Similar Description - CAT5269

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
9200 CISCO-9200 Datasheet
1Mb / 54P
   Cisco Catalyst 9200 Series Switches
2023
9500 CISCO-9500 Datasheet
1Mb / 52P
   Cisco Catalyst 9500 Series Switches
2023
9300 CISCO-9300 Datasheet
3Mb / 74P
   Cisco Catalyst 9300 Series Switches
2023
9400 CISCO-9400 Datasheet
583Kb / 22P
   Cisco Catalyst 9400 Series Switch
2023
9800-80 CISCO-9800-80 Datasheet
947Kb / 23P
   Cisco Catalyst 9800-80 Wireless Controller
2022
9130AX CISCO-9130AX Datasheet
1Mb / 17P
   Cisco Catalyst 9130AX Series Access Points
2023
9124AX CISCO-9124AX Datasheet
2Mb / 23P
   Cisco Catalyst 9124AX Series Access Points
2023
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com