Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF998 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BF998
Description  Silicon N-channel dual-gate MOS-FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF998 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF998 Datasheet HTML 2Page - NXP Semiconductors BF998 Datasheet HTML 3Page - NXP Semiconductors BF998 Datasheet HTML 4Page - NXP Semiconductors BF998 Datasheet HTML 5Page - NXP Semiconductors BF998 Datasheet HTML 6Page - NXP Semiconductors BF998 Datasheet HTML 7Page - NXP Semiconductors BF998 Datasheet HTML 8Page - NXP Semiconductors BF998 Datasheet HTML 9Page - NXP Semiconductors BF998 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1996 Aug 01
6
Philips Semiconductors
Product specification
Silicon N-channel dual-gate MOS-FETs
BF998; BF998R
Fig.9
Forward transfer admittance as a function of
gate 1 voltage; typical values.
VDS = 8 V; Tamb =25 °C.
handbook, halfpage
−11
30
0
6
12
18
24
MGE812
0
VG1 (V)
0 V
1 V
2 V
3 V
VG2-S = 4 V
|yfs|
(mS)
Fig.10 Output capacitance as a function of
drain-source voltage; typical values.
handbook, halfpage
414
1.5
1.0
1.1
1.2
1.3
1.4
MGE810
Cos
(pF)
6
8
10
12
VDS (V)
12 mA
10 mA
8 mA
VG2-S = 4 V; f = 1 MHz; Tamb =25 °C.
Fig.11 Gate 1 input capacitance as a function of
gate 1-source voltage; typical values.
handbook, halfpage
−2.4
−1.6
−0.8
0.8
MGE809
0
2.1
1.9
1.7
2.3
1.5
1.3
Cis
(pF)
VG1-S (V)
VDS = 8 V; VG2-S = 4 V; f = 1 MHz; Tamb =25 °C.
Fig.12 Gate 1 input capacitance as a function of
gate 2-source voltage; typical values.
handbook, halfpage
64
2
Cis
(pF)
−2
2.4
2.3
2.1
2.0
2.2
MBH479
0
VG2−S (V)
VDS = 8 V; VG1-S = 0 V; f = 1 MHz; Tamb =25 °C.


Similar Part No. - BF998

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF998 VISHAY-BF998 Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
logo
Siemens Semiconductor G...
BF998 SIEMENS-BF998 Datasheet
180Kb / 8P
   Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz)
logo
Infineon Technologies A...
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
logo
Vishay Siliconix
BF998 VISHAY-BF998 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
logo
Infineon Technologies A...
BF998 INFINEON-BF998 Datasheet
93Kb / 9P
   Silicon N_Channel MOSFET Tetrode
2007-04-20
More results

Similar Description - BF998

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF901 PHILIPS-BF901 Datasheet
46Kb / 7P
   Silicon n-channel dual gate MOS-FETs
November 1992
logo
Quanzhou Jinmei Electro...
BF998_2015 JMNIC-BF998_2015 Datasheet
85Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com