Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS8083CPZP Datasheet(PDF) 10 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083CPZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 6Page - Texas Instruments THS8083CPZP Datasheet HTML 7Page - Texas Instruments THS8083CPZP Datasheet HTML 8Page - Texas Instruments THS8083CPZP Datasheet HTML 9Page - Texas Instruments THS8083CPZP Datasheet HTML 10Page - Texas Instruments THS8083CPZP Datasheet HTML 11Page - Texas Instruments THS8083CPZP Datasheet HTML 12Page - Texas Instruments THS8083CPZP Datasheet HTML 13Page - Texas Instruments THS8083CPZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
1–4
1.3
Terminal Assignments
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
AVDD_REF
AVSS_REF
VMID
OE
CH2B7
DVSS
EXT_ADCCLK
DHS
DATACLK1
ADCCLK2
DTOCLK3
VSS
HS
SCL
SDA
I2CA
CH3B0
CH3B1
CH3B2
CH3B3
DVDD
DVSS
XTL1_MCLK
DVSS_PLL
DVDD_PLL
AVSS_PLL
AVDD_PLL
TQFP PowerPAD
 PACKAGE
(TOP VIEW)
VS
CH1B7
DVDD
CH3B4
CH3B5
CH3B6
CH3B7
CH2B0
CH2B1
CH2B2
CH2B3
XTL2
VCM
CH1B6
CH1B5
CH1B4
CH1B3
CH1B2
CH1B1
CH1B0
CH2B6
CH2B5
CH2B4
1.4
Ordering Information
TA
PACKAGED DEVICES
TQFP–100
Maximum clock frequency
80 MSPS
0
°C to 70°C
THS8083CPZP


Similar Part No. - THS8083CPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8083CPZP TI1-THS8083CPZP Datasheet
271Kb / 61P
[Old version datasheet]   Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
More results

Similar Description - THS8083CPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8083 TI1-THS8083 Datasheet
271Kb / 61P
[Old version datasheet]   Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
THS8083APZPG4 TI-THS8083APZPG4 Datasheet
306Kb / 63P
[Old version datasheet]   Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
TVP7000 TI1-TVP7000_17 Datasheet
364Kb / 39P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7000 TI-TVP7000 Datasheet
316Kb / 37P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7001 TI-TVP7001 Datasheet
391Kb / 32P
[Old version datasheet]   TRIPLE 8/10-BIT, 165/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7002 TI-TVP7002 Datasheet
618Kb / 52P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002 TI1-TVP7002_16 Datasheet
542Kb / 58P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
THS8083A TI-THS8083A Datasheet
267Kb / 64P
[Old version datasheet]   TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com