Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320P25FNL Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320P25FNL
Description  DIGITAL SIGNAL PROCESSOR
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320P25FNL Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320P25FNL Datasheet HTML 4Page - Texas Instruments TMS320P25FNL Datasheet HTML 5Page - Texas Instruments TMS320P25FNL Datasheet HTML 6Page - Texas Instruments TMS320P25FNL Datasheet HTML 7Page - Texas Instruments TMS320P25FNL Datasheet HTML 8Page - Texas Instruments TMS320P25FNL Datasheet HTML 9Page - Texas Instruments TMS320P25FNL Datasheet HTML 10Page - Texas Instruments TMS320P25FNL Datasheet HTML 11Page - Texas Instruments TMS320P25FNL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
TMS320P25
DIGITAL SIGNAL PROCESSOR
SPRS028 – OCTOBER 1994
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
external interface
The TMS320P25 supports a wide range of system-interfacing requirements. Program, data, and I/O address
spaces provide interface to memory and I/O, thus maximizing system throughput. I/O design is simplified by
having I/O treated the same way as memory. I/O devices are mapped into the I/O address space using the
processor’s external address and data buses in the same manner as memory-mapped devices. Interface to
memory and I/O devices of varying speeds is accomplished by using the READY line. When transactions are
made with slower devices, the TMS320P25 processor waits until the other device completes its function and
signals the processor via the READY line. Then, the TMS320P25 continues execution.
A full-duplex serial port provides communication with serial devices such as codecs, serial A/D converters, and
other serial systems. The interface signals are compatible with codecs and many other serial devices with a
minimum of external hardware. The serial port can also be used for communication between processors in
multiprocessing applications.
The serial port has two memory-mapped registers: the data-transmit register (DXR) and the data-receive
register (DRR). Both registers operate in either the byte mode or 16-bit word mode and can be accessed in the
same manner as any other data memory location. Each register has an external clock, a framing
synchronization pulse, and associated shift registers. One method of multiprocessing can be implemented by
programming one device to transmit while the others are in the receive mode. The serial port on the TMS320P25
is double buffered and fully static.
interrupts and subroutines
The TMS320P25 has three external maskable user interrupts INT2 – INT0, available for external devices that
interrupt the processor. Internal interrupts are generated by the serial port (RINT and XINT), by the timer (TINT),
and by the software interrupt (TRAP) instruction. Interrupts are prioritized with reset (RS) having the highest
priority and the serial-port transmit interrupt (XINT) having the lowest priority. All interrupt locations are on
two-word boundaries so that branch instructions can be accommodated in those locations if desired.
A built-in mechanism protects multicycle instructions from interrupts. If an interrupt occurs during a multicycle
instruction, the interrupt is not processed until the instruction is completed. This mechanism applies to
instructions that are repeated and to instructions that become multicycle because of the READY signal.
multiprocessing
The flexibility of the TMS320P25 allows configurations to satisfy a wide range of system requirements and can
be used as follows:
A standalone processor
A multiprocessor with devices in parallel
A slave/host multiprocessor with global memory space
A peripheral processor interfaced via processor-controlled signals to another device.
For multiprocessing applications, the TMS320P25 has the capability of allocating global data-memory space
and communicating with that space via the bus request (BR) and READY control signals. Global data-memory
is data memory shared by more than one processor. Global data-memory access must be arbitrated. The 8-bit
memory-mapped global memory-allocation register (GREG) specifies part of the TMS320P25 data memory as
global external memory. The contents of the register determine the size of the global memory space. If the
current instruction addresses an operand within that space, BR is asserted to request control of the bus. The
length of the memory cycle is controlled by the READY line.
The TMS320P25 supports direct memory access (DMA) to its external program/data memory using the HOLD
and HOLDA signals. Another processor can take complete control of the TMS320P25’s external memory by
asserting HOLD low. This causes the TMS320P25 to place its address data and control lines in the
high-impedance state and assert HOLDA. On the TMS320P25, program execution from on-chip EPROM can
proceed concurrently when the device is in the hold mode.


Similar Part No. - TMS320P25FNL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320P14 TI-TMS320P14 Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320P14 TI1-TMS320P14 Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320P14FNL TI-TMS320P14FNL Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320P14FNL TI1-TMS320P14FNL Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320P14FNL TI1-TMS320P14FNL Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320P25FNL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com