Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65820RSHR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS65820RSHR
Description  SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65820RSHR Datasheet(HTML) 4 Page - Texas Instruments

  TPS65820RSHR Datasheet HTML 1Page - Texas Instruments TPS65820RSHR Datasheet HTML 2Page - Texas Instruments TPS65820RSHR Datasheet HTML 3Page - Texas Instruments TPS65820RSHR Datasheet HTML 4Page - Texas Instruments TPS65820RSHR Datasheet HTML 5Page - Texas Instruments TPS65820RSHR Datasheet HTML 6Page - Texas Instruments TPS65820RSHR Datasheet HTML 7Page - Texas Instruments TPS65820RSHR Datasheet HTML 8Page - Texas Instruments TPS65820RSHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
TPS65820
SLVS663 – MAY 2006
over operating free-air temperature range (unless otherwise noted)(1)
VALUE
UNIT
AC and USB with respect to AGND1
–0.3 to 18
ANLG1, ANLG2 with respect to AGND2
–0.3 to V(OUT)
V(OUT) with respect to AGND1
5
VIN_LDO12 , VIN_LDO35, LDO3, LDO4, LDO5 with respect to AGND2
–0.3 to V(OUT)
LDO35_REF, ADC_REF with respect to AGND2
–0.3 to smaller of: 3.6 or V(OUT)
SIM, RTC_OUT with respect to AGND1
–0.3 to smaller of: 3.6 or V(OUT)
SM1, L1, VIN_SM1 with respect to PGND1
–0.3 to V(OUT)
V
SM2, L2, VIN_SM2 with respect to PGND2
–0.3 to V(OUT)
SM3, L3 with respect to PGND3
–0.3 to 29
SM3SW with respect to PGND3
–0.3 to V(OUT)
FB3 with respect to PGND3
–0.3 to 0.5
All other pins (except AGND and PGND), with respect to AGND1
–0.3 to V(OUT)
AGND2, AGND0, PGND1, PGND2, PGND3 with respect to AGND1
–0.3 to +0.3
Input Current, AC pin
2750
Input Current, USB pin
600
Output continuous current, OUT pin
3000
mA
Output conitnuous current, BAT pin
–3000
Continuous Current at L1, PGND1, L2, PGND2
1800
TA
Operating free-air temperature
–40 to 85
TJ
Maximum junction temperature
125
°C
TSTG
Storage temperature
–65 to 150
Lead temperature 1,6 mm (1/16-inch) from case for 10 seconds
260
ESD rating, all pins
1.5
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA≤ 55°C
DERATING FACTOR
PACKAGE
θ
JA
POWER RATING
ABOVE TA = 55°C
RSH (1)(2)
21.7
°C/W
3.22 W
0.046 W/
°C
(1)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a Cu
pad on the board. This is connected to the ground plane by a via matrix.
(2)
The RSH package MSL Level : HIR3 at 260
°C
4
Submit Documentation Feedback


Similar Part No. - TPS65820RSHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65800 TI-TPS65800 Datasheet
232Kb / 3P
[Old version datasheet]   INTEGRATED SINGLE-CELL LITHIUM-ION BATTERY-AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800RTQ TI-TPS65800RTQ Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800RTQR TI-TPS65800RTQR Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800RTQRG4 TI-TPS65800RTQRG4 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results

Similar Description - TPS65820RSHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
   Enhanced Single Cell Li-Battery and Power System Management IC
AXP199 ETC2-AXP199 Datasheet
1Mb / 50P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP209 ETC2-AXP209 Datasheet
2Mb / 45P
   Enhanced single Cell Li-Battery and Power System Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com