Part Name
         Description
TPS65022

 POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS ( 45 Page)


TI
100% 
Zoom Out Zoom In
 
 1 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
SLVS667 – JULY 2006
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
1.2 A, 97% Efficient Step-Down Converter for
The TPS65022 is an integrated Power Management
System Voltage (VDCDC1)
IC for applications powered by one Li-Ion or
Li-Polymer cell, and which require multiple power
1 A, Up to 95% Efficient Step-Down Converter
rails. The TPS65022 provides three highly efficient,
for Memory Voltage (VDCDC2)
step-down converters targeted at providing the core
900 mA, 90% Efficient Step-Down Converter
voltage, peripheral, I/O and memory rails in a
for Processor Core (VDCDC3)
processor
based
system.
All
three
step-down
30 mA LDO/Switch for Real Time Clock
converters enter a low-power mode at light load for
maximum efficiency across the widest possible range
(VRTC)
of load currents. The TPS65022 also integrates two
2 x 200 mA General-Purpose LDO
general-purpose 200 mA LDO voltage regulators,
Dynamic Voltage Management for Processor
which are enabled with an external input pin. Each
Core
LDO operates with an input voltage range between
1.5 V and 6.5 V, allowing them to be supplied from
Preselectable LDO Voltage Using Two Digital
one of the step-down converters or directly from the
Input Pins
battery. The default output voltage of the LDOs can
Externally Adjustable Reset Delay Time
be digitally set to 4 different voltage combinations
Battery Backup Functionality
using the DEFLDO1 and DEFLDO2 pins. The serial
interface can be used for dynamic voltage scaling,
Separate Enable Pins for Inductive
masking interrupts, or for dis/enabling and setting the
Converters
LDO output voltages. The interface is compatible
I2C™ Compatible Serial Interface
with the Fast/Standard mode
I2C
specification,
85-
µA Quiescent Current
allowing transfers at up to 400 kHz. The TPS65022
is available in a 40-pin (RHA) QFN package, and
Low Ripple PFM Mode
operates over a free-air temperature of -40
°C to
Thermal Shutdown Protection
85
°C.
40-Pin 6 mm x 6 mm QFN Package
PDA
Cellular/Smart Phone
Internet Audio Player
Digital Still Camera
Digital Radio Player
Split Supply TMS320™ DSP Family and
µP
Solutions:
OMAP™1610, OMAP1710, OMAP330, XScale
Bulverde, Samsung ARM-Based Processors,
etc.
Intel
® PXA270, etc.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TMS320, OMAP, PowerPAD are trademarks of Texas Instruments.
Intel is a registered trademark of Intel Corporation.
I2C is a trademark of Philips Electronics.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPS65023POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65021POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65014POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65013POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65010POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65011POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65012POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65020POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
IMIC9701Low EMI Clock Generator for Pentium II Systems with Power Management 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MB3891Power Management IC for GSM Mobile Phone 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl