Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR111 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR111
Description  Precision Voltage-to-Current Converter/Transmitter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR111 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button XTR111 Datasheet HTML 6Page - Burr-Brown (TI) XTR111 Datasheet HTML 7Page - Burr-Brown (TI) XTR111 Datasheet HTML 8Page - Burr-Brown (TI) XTR111 Datasheet HTML 9Page - Burr-Brown (TI) XTR111 Datasheet HTML 10Page - Burr-Brown (TI) XTR111 Datasheet HTML 11Page - Burr-Brown (TI) XTR111 Datasheet HTML 12Page - Burr-Brown (TI) XTR111 Datasheet HTML 13Page - Burr-Brown (TI) XTR111 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
XTR111
SBOS375 − NOVEMBER 2006
www.ti.com
10
APPLICATION INFORMATION
The XTR111 is a voltage-controlled current source capa-
ble of delivering currents from 0mA to 36mA. The primary
intent of the device is to source the commonly-used indus-
trial current ranges of 0mA−20mA or 4mA−20mA. The per-
formance is specified for a supply voltage of up to 40V. The
maximum supply voltage is 44V. The voltage-to-current ra-
tio is defined by an external resistor, RSET; therefore, the in-
put voltage range can be freely set in accordance with the
application requirement. The output current is cascoded
by an external P-Channel MOSFET transistor for large
voltage compliance extending below ground, and for easy
power dissipation. This arrangement ensures excellent
suppression of typical interference signals from the indus-
trial environment because of the extremely high output im-
pedance and wide voltage compliance.
An error detection circuit activates a logic output (error
flag) in case the output current cannot correctly flow. It indi-
cates a wire break, high load resistor, or loss of headroom
for the current output to the positive supply.
The output disable (OD) provided can be used during pow-
er-on, multiplexing and other conditions where the output
should present no current. It has an internal pull-up that
causes the XTR111 to come up in output disable mode un-
less the OD pin is tied low.
The onboard voltage regulator can be adjusted between
3V to 15V and delivers up to 5mA load current. It is in-
tended to supply signal conditioning and sensor excitation
in 3-wire sensor systems. Voltages above 3V can be set
by a resistive divider.
Figure 1 shows a basic connection for the XTR111. The in-
put voltage VVIN reappears across RSET and controls 1/10
of the output current. The I-Mirror has a precise current
gain of 10. This configuration leads to the transfer function:
IOUT = 10
• (VVIN/RSET)
The output of the voltage regulator can be set over the
range of 3V to 12V by selecting R1 and R2 using the follow-
ing equation.
VREGF = 3V
• (R1 + R2)/R2
3V
REGF
REGS
5V
Signal
Source
(Sensor or
DAC, for
example)
V
VSP = 24V Supply
I−Mirror
VSP
1
9
8
2
3S
D
G
VG
IS
Q
EXT
P−Channel
MOSFET
(Pull Low for Normal Operation)
0mA or 4mA to 20mA
OD
EF
C
1
R
2
8.2k
VIN
6
4
5
R
SET
SET
7
10
GND
R
1
5.6k
V
OUT
Load
I
OUT
(
± Load Ground)
I
OUT =10
()
V
VIN
R
SET
Figure 1. Basic Connection for 0mA to 20mA Related to 0V to 5V Signal Input. The Voltage Regulator is
Set to 5V Output.


Similar Part No. - XTR111

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
logo
Texas Instruments
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI-XTR111 Datasheet
1Mb / 14P
[Old version datasheet]   XTR111 Demonstration Fixture Users Guide
Revised April 2013
More results

Similar Description - XTR111

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com