Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF994S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF994S
Description  N-channel dual-gate MOS-FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF994S Datasheet(HTML) 2 Page - NXP Semiconductors

  BF994S Datasheet HTML 1Page - NXP Semiconductors BF994S Datasheet HTML 2Page - NXP Semiconductors BF994S Datasheet HTML 3Page - NXP Semiconductors BF994S Datasheet HTML 4Page - NXP Semiconductors BF994S Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
July 1993
2
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF994S
FEATURES
• Protected against excessive input voltage surges by
integrated back-to-back diodes between gates
and source.
APPLICATIONS
• VHF applications such as:
– VHF television tuners
– Professional communication equipment.
PINNING
PIN
SYMBOL
DESCRIPTION
1
s, b
source
2
d
drain
3g2
gate 2
4g1
gate 1
Fig.1 Simplified outline (SOT143) and symbol.
Marking code: MGp.
handbook, halfpage
s,b
d
g
1
g
2
43
2
1
Top view
MAM039
DESCRIPTION
Depletion type field-effect transistor in a plastic SOT143
microminiature package with interconnected source
and substrate.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VDS
drain-source voltage
20
V
ID
drain current
30
mA
Ptot
total power dissipation
up to Tamb =60 °C
200
mW
Tj
junction temperature
150
°C
transfer admittance
f = 1 kHz; ID = 10 mA; VDS =15V; VG2-S =4V
18
mS
Cig1-s
input capacitance at gate 1 f = 1 MHz; ID = 10 mA; VDS = 15 V; VG2-S = 4 V 2.5
3
pF
Crs
feedback capacitance
f = 1 MHz; ID = 10 mA; VDS = 15 V; VG2-S =4V 25
fF
F
noise figure
f = 200 MHz; GS = 2 mS; BS =BSopt;
ID = 10 mA; VDS =15V; VG2-S =4V
1
dB
Y
fs


Similar Part No. - BF994S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
logo
Siemens Semiconductor G...
BF994S SIEMENS-BF994S Datasheet
118Kb / 7P
   Silicon N Channel MOSFET Tetrode (For VHF applications, especially for input and mixer stages with a wide tuning range, e.g. in CATV tuners)
logo
NXP Semiconductors
BF994S NXP-BF994S Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF994S JMNIC-BF994S Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
Vishay Siliconix
BF994SA VISHAY-BF994SA Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
More results

Similar Description - BF994S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com