Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8627ETD+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8627ETD+
Description  Low VBATT, 20uA IQ, 1MHz Synchronous Boost Converter with True Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8627ETD+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8627ETD+ Datasheet HTML 1Page - Maxim Integrated Products MAX8627ETD+ Datasheet HTML 2Page - Maxim Integrated Products MAX8627ETD+ Datasheet HTML 3Page - Maxim Integrated Products MAX8627ETD+ Datasheet HTML 4Page - Maxim Integrated Products MAX8627ETD+ Datasheet HTML 5Page - Maxim Integrated Products MAX8627ETD+ Datasheet HTML 6Page - Maxim Integrated Products MAX8627ETD+ Datasheet HTML 7Page - Maxim Integrated Products MAX8627ETD+ Datasheet HTML 8Page - Maxim Integrated Products MAX8627ETD+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Low VBATT, 20µA IQ, 1MHz Synchronous
Boost Converter with True Shutdown
4
_______________________________________________________________________________________
EFFICIENCY vs. LOAD CURRENT
WITH 3.3V OUTPUT
LOAD CURRENT (mA)
100
10
1
0.1
10
20
30
40
50
60
70
80
90
100
0
0.01
1000
VBATT = 3.0V
VBATT = 1.5V
VBATT = 1.8V
VBATT = 2.4V
EFFICIENCY vs. LOAD CURRENT
WITH 5V OUTPUT
LOAD CURRENT (mA)
100
10
1
0.1
10
20
30
40
50
60
70
80
90
100
0
0.01
1000
VBATT = 4.2V
VBATT = 1.8V
VBATT = 2.4V
VBATT = 3.0V
VBATT = 3.6V
MAXIMUM LOAD CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.0
4.0
3.0
2.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1.0
VPOUT = 3.3V
VPOUT = 5V
OUTPUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (mA)
100
10
1
0.1
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
5.12
4.92
0.01
1000
VBATT = 4.2V
VBATT = 1.8V
VBATT = 2.4V
VBATT = 3.0V
VBATT = 3.6V
NO-LOAD INPUT CURRENT
vs. INPUT VOLTAGE WITH 3.3V OUTPUT
INPUT VOLTAGE (V)
3.0
2.5
2.0
1.5
10
20
30
40
50
60
70
80
90
0
1.0
3.5
TA = +25
°C
TA = +85
°C
TA = 40
°C
R1 = 1.15M
Ω, R2 = 499kΩ
OUTPUT ONLY LOADED WITH THE FB
RESISTOR-DIVIDER NETWORK.
NO-LOAD INPUT CURRENT
vs. INPUT VOLTAGE WITH 5V OUTPUT
INPUT VOLTAGE (V)
4
3
2
20
40
60
80
100
120
140
160
180
0
15
TA = +25
°C
TA = +85
°C
TA = 40
°C
R1 = 2M
Ω, R2 = 499kΩ
OUTPUT ONLY LOADED WITH THE FB
RESISTOR-DIVIDER NETWORK.
SHUTDOWN CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
4.5
3.5
2.5
100
200
300
400
500
600
700
0
1.5
5.5
TA = +25
°C
TA = +85
°C
TA = 40
°C
STARTUP VOLTAGE vs. LOAD CURRENT
WITH 5V OUTPUT
LOAD CURRENT (mA)
600
800
400
200
0.5
1.0
1.5
2.0
2.5
3.0
0
0
1000
TA = +25
°C
TA = +85
°C
TA = 40
°C
SOFT-START TIME vs. LOAD CURRENT
LOAD CURRENT (A)
0.3
0.4
0.2
0.1
1
2
3
4
5
6
0
0
0.5
Typical Operating Characteristics
(Circuit of Figure 1, VOUTS = VPOUT = 5V, VON = VBATT = 3.6V, TA = +25
°C, unless otherwise noted.)


Similar Part No. - MAX8627ETD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8627EVKIT MAXIM-MAX8627EVKIT Datasheet
156Kb / 3P
   Fast Soft-Start Eliminates Inrush Current
Rev 0; 11/06
More results

Similar Description - MAX8627ETD+

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8536 BELLING-BL8536 Datasheet
781Kb / 6P
   0.9V Startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
logo
ACE Technology Co., LTD...
ACE708C ACE-ACE708C Datasheet
946Kb / 8P
   0.85V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.2
ACE707C ACE-ACE707C Datasheet
401Kb / 9P
   0.9 V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.1
logo
Maxim Integrated Produc...
MAX17220 MAXIM-MAX17220_V01 Datasheet
946Kb / 23P
   400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
MAX17220 MAXIM-MAX17220 Datasheet
920Kb / 23P
   400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
Rev 3; 7/17
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Seaward Electronics Inc...
SE3609 SEAWARD-SE3609 Datasheet
292Kb / 8P
   1MHz/1.2A Synchronous Boost Converter
logo
AiT Semiconductor Inc.
A7534 AITSEMI-A7534 Datasheet
649Kb / 9P
   DC-DC CONVERTER BOOST (STEP-UP) 0.9V STARTUP, 1MHz, 300mA IOUT, LOW IQ, SYNCHRONOUS
REV1.2
logo
Linear Technology
LTC3786 LINER-LTC3786_15 Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com