Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-AA3VP93-FREQ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SG-AA3VP93-FREQ
Description  HF/UHF SMD TCVCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SG-AA3VP93-FREQ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SG-AA3VP93-FREQ Datasheet HTML 1Page - List of Unclassifed Manufacturers SG-AA3VP93-FREQ Datasheet HTML 2Page - List of Unclassifed Manufacturers SG-AA3VP93-FREQ Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HF/UHF SMD TCVCXO
SG-XA3XXXX Series
Description
The SG-XA3XXXX Series of SMD temperature compensated, voltage controlled crystal oscillators
(TCVCXO) provides High and Ultra High Frequency with excellent temperature stability, extremely low
phase noise and jitter with variety of different output types in a small surface mount FR4 based package.
Applications and Features
• Ultra High Frequency - up to 1GHz
• Small, Low Profile SMD Package
• Very Low Phase Jitter and Phase Noise
• Excellent Frequency Stability
• CMOS, Sine-wave, Differential PECL or LVDS outputs available
• Stratum 3 available
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0631B
Rev. A
SG - X A3 X X X X - FREQ
Package Code
Temp Frequency Stability, ppm
SG 7 pad 1.0"x0.87" SMD
1 ±1.0
2 ±2.5
Input Voltage
3 ±0.28
0
5.0V±5%
A
3.3V±5%
TCXO/TCVCXO Option
Temperature Range, °C
T
No V. Control
B
0 to 70
V
With V Control
C
-20 to 70
D
-40 to 85
Output Type
E
-10 to 60
C
CMOS
9
Customer specific
P
PECL
S
Sine-wave
L
LVDS
Creating a Part Number


Similar Part No. - SG-AA3VP93-FREQ

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
SG-A1 PANASONICBATTERY-SG-A1 Datasheet
278Kb / 1P
   New SG-E1, SG-C1, SG-B2/D1, SG-B1/A1 Series Safety Switches
More results

Similar Description - SG-AA3VP93-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OF-XBAXXXX NEL-OF-XBAXXXX Datasheet
46Kb / 3P
   UHF SMD TCVCXO
OH-X8FXXXXX NEL-OH-X8FXXXXX Datasheet
51Kb / 3P
   HF/UHF OCXO Low Power SMD
AA-X2D6XXX-X NEL-AA-X2D6XXX-X Datasheet
152Kb / 3P
   LVDS HF/UHF CLOCK (XO)
AA-X29LXXX NEL-AA-X29LXXX Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-A2D6XXX NEL-AA-A2D6XXX Datasheet
208Kb / 3P
   LVDS HF/UHF CLOCK (XO)
OE-X8GXXXXX NEL-OE-X8GXXXXX Datasheet
46Kb / 3P
   HF/UHF OCXO Low Power
AA-X29LXXX-X NEL-AA-X29LXXX-X Datasheet
151Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-XEXX NEL-AA-XEXX Datasheet
206Kb / 3P
   HCSL COMPATIBLE HF/UHF CLOCK (XO)
logo
New Jersey Semi-Conduct...
5082-3081 NJSEMI-5082-3081 Datasheet
190Kb / 1P
   HF/VHF/UHF CURRENT CONTROLLED RESISTOR
logo
Nel Frequency Controls,...
AA-X1EXX-X NEL-AA-X1EXX-X Datasheet
162Kb / 3P
   HCSL COMPATIBLE HF/UHF CLOCK (XO)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com