Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N35S-241-AP0030-KI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # N35S-241-AP0030-KI
Description  Heavy Duty Incremental Rotary Shaft Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

N35S-241-AP0030-KI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  N35S-241-AP0030-KI Datasheet HTML 1Page - List of Unclassifed Manufacturers N35S-241-AP0030-KI Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensional Drawings
Ordering Information
Wire Drawings
Series N35 Standard
Connector Style
1=6 Pin rear mounted
2= 6 Pin side mounted
3= 7 Pin rear mounted
4= 7 Pin side mounted
5=10 Pin rear mounted
6=10 Pin side mounted
7=Cable rear mounted
8=Cable side mounted
Size
N35S=Sealed (Elastomer)
N35T=Sealed (PTFE)
Mounting Style
1=Flush mount
2=Servo mount
3=Flange mount
Shaft Style
3=3/8" Standard Shaft
4=1/2" Standard Shaft
Channel Outputs
(All outputs available with
complementary outputs)
A=NPN w/Pullup Res.
B=NPN Open
Collector
F=5Vdc w/Pullup Res.
G=5Vdc Open Collector
H=PNP Sourcing Output
K=5Vdc Line Driver
L=8 to 15 Vdc Line Driver
Channel Types
Q=Quadrature Outputs
P=1st Output CW Pulses
2nd Output CCW Pulses
U=1st Output Pulse Train
2nd Output Logic High
For CW Rotation, Low
For CCW Rotation
I=Index Pulse
Channel Types “P” “U” & “Q”
0025
0030
0050
0060
0064
0075
0090
0093
0096
0100
0120
0125
0128
0135
0150
0180
0186
0192
0200
0240
0250
0256
0270
0300
0360
0372
0400
0480
0500
0512
0540
0600
0720
0840
0960
1000
1024
If “P” or “U” add (Square Wave)
0800
1080
1200
1440
1680
1920
2000
2048
If “P” or “U” add (Pulsed)
0768
1488
1600
2160
2400
2880
3360
3840
4000
4096
Consult factory for PPR not listed
Index Channel
(same types as
Channel Outputs)
N35T
3 3 5
K Q 1000
KI


Similar Part No. - N35S-241-AP0030-KI

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N3505-2B 3M-N3505-2B Datasheet
1Mb / 5P
   100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
N3505-30B 3M-N3505-30B Datasheet
1Mb / 5P
   100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
N3505-31B 3M-N3505-31B Datasheet
1Mb / 5P
   100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
N3505-3B 3M-N3505-3B Datasheet
1Mb / 5P
   100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
N3518 3M-N3518 Datasheet
1Mb / 6P
   100 x .100 Low Profi le, SMT Straight, Straight and Rt Angle Through-Hole
More results

Similar Description - N35S-241-AP0030-KI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4421S-AQ0600 ETC1-4421S-AQ0600 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
4111S-AS4096 ETC1-4111S-AS4096 Datasheet
124Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N25SA-112-AQ0600-AI ETC1-N25SA-112-AQ0600-AI Datasheet
259Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
2321S-AQ0600-AQ0120 ETC1-2321S-AQ0600-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
logo
Pepperl+Fuchs Inc.
ENI11HD-H PF-ENI11HD-H Datasheet
992Kb / 6P
   Heavy-duty incremental encoder
ENI11HD-R PF-ENI11HD-R Datasheet
926Kb / 6P
   Heavy-duty incremental encoder
logo
TT Electronics.
OPE1275S TTELEC-OPE1275S Datasheet
236Kb / 4P
   Incremental Shaft Encoder
OPE1275H TTELEC-OPE1275H Datasheet
323Kb / 4P
   Incremental Hollow Shaft Encoder
logo
Pepperl+Fuchs Inc.
TSI40N PF-TSI40N Datasheet
278Kb / 3P
   Incremental rotary encoder
TVI58N PF-TVI58N Datasheet
214Kb / 3P
   Incremental rotary encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com