Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG384B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG384B
Description  CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG384B Datasheet(HTML) 2 Page - Vishay Siliconix

  DG384B Datasheet HTML 1Page - Vishay Siliconix DG384B Datasheet HTML 2Page - Vishay Siliconix DG384B Datasheet HTML 3Page - Vishay Siliconix DG384B Datasheet HTML 4Page - Vishay Siliconix DG384B Datasheet HTML 5Page - Vishay Siliconix DG384B Datasheet HTML 6Page - Vishay Siliconix DG384B Datasheet HTML 7Page - Vishay Siliconix DG384B Datasheet HTML 8Page - Vishay Siliconix DG384B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DG384B
D1
S1
NC
Dual-In-Line
IN1
D3
V–
S3
GND
S4
NC
D4
V+
NC
IN2
D2
S2
Top View
DG387B
S2
NC
IN
NC
NC
V–
V+
NC
D1
NC
D2
NC
S1
GND
Dual-In-Line
Top View
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DG390B
D1
S1
NC
Dual-In-Line
IN1
D3
V–
S3
GND
S4
NC
D4
V+
NC
IN2
D2
S2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
DG381B/384B/387B/390B
Vishay Siliconix
www.vishay.com
2
Document Number: 71404
S-02968—Rev. A, 22-Jan-01
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
Logic
Switch
0
OFF
1
ON
Logic “0”
v 0.8 V
Logic “1”
w 4 V
TRUTH TABLE
Logic
SW1
SW2
0
ON
OFF
1
OFF
ON
Logic “0”
v 0.8 V
Logic “1”
w 4 V
TRUTH TABLE
Logic
SW1, SW2
SW3, SW4
0
OFF
ON
1
ON
OFF
Logic “0”
v 0.8 V
Logic “1”
w 4 V


Similar Part No. - DG384B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG384B VISHAY-DG384B Datasheet
68Kb / 9P
   CMOS Analog Switches
18-Jul-08
DG384BDJ VISHAY-DG384BDJ Datasheet
68Kb / 9P
   CMOS Analog Switches
18-Jul-08
logo
Maxim Integrated Produc...
DG384BK MAXIM-DG384BK Datasheet
296Kb / 8P
   General Purpose CMOS Analog Switches
1995
DG384BWE MAXIM-DG384BWE Datasheet
296Kb / 8P
   General Purpose CMOS Analog Switches
1995
More results

Similar Description - DG384B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com