Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DANE-37S-L0-E03-A191 Datasheet(PDF) 7 Page - ITT Industries

Part # DANE-37S-L0-E03-A191
Description  Eurostyle D Subminiature Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DANE-37S-L0-E03-A191 Datasheet(HTML) 7 Page - ITT Industries

  DANE-37S-L0-E03-A191 Datasheet HTML 1Page - ITT Industries DANE-37S-L0-E03-A191 Datasheet HTML 2Page - ITT Industries DANE-37S-L0-E03-A191 Datasheet HTML 3Page - ITT Industries DANE-37S-L0-E03-A191 Datasheet HTML 4Page - ITT Industries DANE-37S-L0-E03-A191 Datasheet HTML 5Page - ITT Industries DANE-37S-L0-E03-A191 Datasheet HTML 6Page - ITT Industries DANE-37S-L0-E03-A191 Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Product Safety Information
THIS NOTE SHOULD BE READ IN CON-
JUNCTION WITH THE PRODUCT DATA SHEET/
CATALOGUE. FAILURE TO OBSERVE THE
ADVICE IN THIS INFORMATION SHEET AND
THE OPERATING CONDITIONS SPECIFIED IN
THE PRODUCT DATA SHEET/CATALOGUE
COULD RESULT IN HAZARDOUS SITUATIONS.
1. MATERIAL CONTENT AND PHYSICAL
FORM
Electrical connectors do not usually contain
hazardous materials. They contain conducting and
non-conducting materials and can be divided into
two groups.
a) Printed circuit types and low cost audio types
which employ all plastic insulators and casings.
b) Rugged, Fire Barrier and High Reliability types
with metal casings and either natural rubber,
synthetic rubber, plastic or glass insulating
materials.
Contact materials vary with type of connector and
also application and are usually manufactured from
either copper, copper alloys, nickel, alumel,
chromel or steel. In special applications, other
alloys may be specified.
2. FIRE CHARACTERISTICS AND ELECTRIC
SHOCK HAZARD
There is no fire hazard when the connector is
correctly wired and used within the specified
parameters. Incorrect wiring or assembly of
the connector or careless use of metal tools
or conductive fluids, or transit damage to any
of the component parts may cause electric
shock or burns. Live circuits must not be
broken by separating mated connectors as this
may cause arcing, ionisation and burning.
Heat dissipation is greater at maximum resistance
in a circuit. Hot spots may occur when resistance
is raised locally by damage, e.g. cracked or
deformed contacts, broken strands of wire. Local
overheating may also result from the use of the
incorrect application tools or from poor quality
soldering or slack screw terminals. Overheating
may occur if the ratings in the Product Data Sheet/
Catalogue are exceeded and can cause breakdown
of insulation and hence electric shock.
If heating is allowed to continue it intensifies by
further increasing the local resistance through loss
of temper of spring contacts, formation of oxide
film on contacts and wires, and leakage currents
through carbonisation of insulation and tracking
paths. Fire can then result in the
presence of combustible materials and this may
release noxious fumes. Overheating may not be
visually apparent. Burns may result from touching
overheated components.
3. HANDLING
Care must be taken to avoid damage to any
component parts of electrical connectors during
installation and use. Although there are normally
no sharp edges, care must be taken when handling
certain components to avoid injury to fingers.
Electrical connectors may be damaged in transit
to the customers, and damage may result in
creation of hazards. Products should therefore be
examined prior to installation/use and rejected if
found to be damaged.
4. DISPOSAL
Incineration of certain materials may release
noxious or even toxic fumes.
5. APPLICATION
Connectors with exposed contacts should not be
selected for use on the current supply side of an
electrical circuit, because an electric shock could
result from touching exposed contacts on an
unmated connector. Voltages in excess of 30 V ac
or 42.5 V dc are potentially hazardous and care
should be taken to ensure that such voltages can
not be transmitted in any way to exposed metal
parts of the connector body. The connector and
wiring should be checked, before making live, to
have no damage to metal parts or insulators, no
solder blobs, loose strands, conducting lubricants,
swar f, or any other undersired conducting
particles. Circuit resistance and continuity check
should be made to make certain that there are no
high resistance joints or spurious conducting paths.
Always use the correct application tools as
specified in the Data Sheet / Catalogue.
Do not permit untrained personnel to wire,
assemble or tramper with connectors. For
operation voltage please see appropriate natio-
nal regulations.
IMPORTANT GENERAL INFORMATION.
1. Air and creepage paths/Operating voltage
The admissible operating voltages depend on the
individual applications and the valid national and
other applicable safety regulations.
For this reason the air and creepage path data
are only reference values. Observe reduction of
air and creepage paths due to PC board and or
harnessing.
2. Temperature
All information given are temperature limits. The
operation temperature depends on the individual
application.
3. Other important information
Cannon continuously endeavours to improve their
products. Therefore, Cannon products may
deviate from the description, technical data and
shape as shown in this catalogue and data sheets.
ITT Cannon, a division of ITT Industries, Inc. manufactures the highest quality products available in the marketplace; however
these products are intended to be used in accordance with the specifications in this publication. Any use or application that
deviates from stated operating specifications is not recommended and may be unsafe. No information and data contained in this
publication shall be construed to create any liability on the part of Cannon. Any new issue of this publication shall automatically
invalidate and supersede any and all previous issues. A limited warranty applies to Cannon products. Except for obligations
assumed by Cannon under this warranty, Cannon shall not be liable for any loss, damage, cost of repairs, incidental or
consequential damages of any kind, whether or not based on express or implied warranty, contract, negligence or strict
liability arising in connection with the design, manufacture, sale, use or repair of the products. Product availability, prices
and delivery dates are exclusively subject to our respective order confirmation form; the same applies to orders based on
development samples delivered. This publication is not to be construed as an offer. It is intended merely as an invitation to make
an offer. By this publication, Cannon does not assume responsibility or any liability for any patent infringements or other rights
of third parties which may result from its use. Reprinting this publication is generally permitted, indicating the source. However,
Cannon's prior consent must be obtained in all cases.
Cannon is a trademark of ITT Industries, Inc


Similar Part No. - DANE-37S-L0-E03-A191

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
DAN NJSEMI-DAN Datasheet
446Kb / 1P
   DAN & DAP Networks
logo
PAIRUI GROUP INC.
DAN-1 PAIRUI-DAN-1 Datasheet
388Kb / 3P
   DC-DC Converter
logo
Exar Corporation
DAN-101 EXAR-DAN-101 Datasheet
25Kb / 3P
   Replacing SCN68681 with XR68C681 DUART
DAN-102 EXAR-DAN-102 Datasheet
44Kb / 3P
   Infrared Application
DAN-107 EXAR-DAN-107 Datasheet
35Kb / 4P
   Interfacing 16Cxxx UARTs to a CPU
More results

Similar Description - DANE-37S-L0-E03-A191

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com