Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR0625-DK1 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATR0625-DK1
Description  GPS Baseband Processor SuperSense
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0625-DK1 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATR0625-DK1 Datasheet HTML 4Page - ATMEL Corporation ATR0625-DK1 Datasheet HTML 5Page - ATMEL Corporation ATR0625-DK1 Datasheet HTML 6Page - ATMEL Corporation ATR0625-DK1 Datasheet HTML 7Page - ATMEL Corporation ATR0625-DK1 Datasheet HTML 8Page - ATMEL Corporation ATR0625-DK1 Datasheet HTML 9Page - ATMEL Corporation ATR0625-DK1 Datasheet HTML 10Page - ATMEL Corporation ATR0625-DK1 Datasheet HTML 11Page - ATMEL Corporation ATR0625-DK1 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
4925A–GPS–02/06
ATR0625 [Preliminary]
JTAG/ICE
TMS
Test Mode Select
Input
Internal pull-up resistor
TDI
Test Data In
Input
Internal pull-up resistor
TDO
Test Data Out
Output
TCK
Test Clock
Input
Internal pull-up resistor
NTRST
Test Reset Input
Input
Low
Internal pull-down resistor
DBG_EN
Debug Enable
Input
High
Internal pull-down resistor
CLOCK
CLK23
Clock Input
Input
Interface to ATR0601,
Schmitt trigger input
MCLK_OUT
Master Clock Output
Output
PIO-controlled after reset
RESET
NRESET
Reset Input
I/O
Low
Open drain with internal pull-up
resistor
POWER
VDD18
Power
Core voltage 1.8V
VDDIO
Power
Variable IO voltage 1.65V to 3.6V
VDD_USB
Power
USB voltage 0 to 2.0V or
3.0V to 3.6V(1)
GND
Power
Ground
LDOBAT
LDOBAT_IN
Power
2.3V to 3.6V
VBAT
Power
1.5V to 3.6V
VBAT18
Out
1.8V backup voltage
LDO18
LDO_IN
LDO In
Power
2.3V to 3.6V
LDO_OUT
LDO Out
Power
1.8V core voltage, max. 80 mA
LDO_EN
LDO Enable
Input
Table 3-2.
ATR0625 Signal Description (Continued)
Module
Name
Function
Type
Active Level Comment
Note:
1. The USB transceiver is disabled if VDD_USB < 2.0V. In this case the pins USB_DM and USB_DP are connected to GND
(internal pull-down resistors). The USB transceiver is enabled if VDD_USB is within 3.0V and 3.6V.


Similar Part No. - ATR0625-DK1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0625-DK1 ATMEL-ATR0625-DK1 Datasheet
262Kb / 12P
   GPS Baseband Processor SuperSense
ATR0625-DK1 ATMEL-ATR0625-DK1 Datasheet
497Kb / 27P
   GPS Baseband Processor SuperSense
More results

Similar Description - ATR0625-DK1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0625P1 ATMEL-ATR0625P1 Datasheet
262Kb / 12P
   GPS Baseband Processor SuperSense
ATR0625P ATMEL-ATR0625P Datasheet
497Kb / 27P
   GPS Baseband Processor SuperSense
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
   GPS Baseband Processor
ATR0622 ATMEL-ATR0622 Datasheet
410Kb / 26P
   GPS Baseband Processor
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
   GPS BASEBAND PROCESSOR
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
   GPS Baseband Processor
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
   GPS Baseband Processor
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
   GPS Baseband Processor
logo
Zarlink Semiconductor I...
GP4020 ZARLINK-GP4020 Datasheet
207Kb / 17P
   GPS Receiver Baseband Processor
logo
List of Unclassifed Man...
PL-6313 ETC1-PL-6313 Datasheet
314Kb / 2P
   Single-Chip GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com