Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3245EER1-L Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3245EER1-L
Description  3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3245EER1-L Datasheet(HTML) 4 Page - Sipex Corporation

  SP3245EER1-L Datasheet HTML 1Page - Sipex Corporation SP3245EER1-L Datasheet HTML 2Page - Sipex Corporation SP3245EER1-L Datasheet HTML 3Page - Sipex Corporation SP3245EER1-L Datasheet HTML 4Page - Sipex Corporation SP3245EER1-L Datasheet HTML 5Page - Sipex Corporation SP3245EER1-L Datasheet HTML 6Page - Sipex Corporation SP3245EER1-L Datasheet HTML 7Page - Sipex Corporation SP3245EER1-L Datasheet HTML 8Page - Sipex Corporation SP3245EER1-L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Rev M 10/9/06
SP3244E-SP3245E, 3.0V to 5.5V RS-232 Transceivers with Auto On-Line® Plus
© Copyright 2006 Sipex Corporation
4
ELECTRICAL CHARACTERISTICS
PARAMETERS
SYMB
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Receiver Inputs
Input Voltage Range
-15
+15
V
Input Threshold Low
VCC = 3.3V
0.6
1.0
V
VCC = 5.0V
0.8
1.2
Input Threshold High
VCC = 3.3V
1.2
2.4
V
VCC = 5.0V
1.7
2.4
V
Input Hysteresis
200
mV
Input Resistance
TA = 25ºC
3
4.5
7
kΩ
Driver Outputs
Output Voltage Swing
VO
All transmitter outputs loaded with
3kΩ to GND
±5.0
±5.6
V
Output load = Open Circuit
±15.0
Short Circuit Current
Vout = 0V
±60
mA
Power-Off Impedance
VCC = V+ = V- = 0, transmitter
outputs = ±2V
300
10M
Output Leakage Current
VCC = 0 or 3V to 3.3V, VOUT = ±12V,
Drivers disabled
±25
µA
Mouse Drivability
T1IN = T2IN = GND, T3IN = VCC,
T3 loaded with 3kΩ to GND, T1OUT
and T2OUT loaded with 2.5mA each
±5.0
V
ESD Protection
IEC 1000-4-2 Air Discharge
±15
ESD Protection for RxIn, TxOut
pins
IEC 1000-4-2 Contact Discharge
±8
kV
Human Body Model
±15
All Other Pins
Human Body Model
±2
kV
Auto On-line® Plus (ONLINE = GND, SHUTDOWN = Vcc)
Rx Input Threshold to
STATUS Output High
±2.7
V
Rx Input Threshold to
STATUS Output Low
±0.3
V
Threshold to STATUS High
tSTH
0.4
µs
Threshold to STATUS Low
tSTL
30
µs
Rx or Tx Transition to
Drivers Enabled
tONLINE
100
µs
Last Rx or Tx Transition to Driv-
ers Disabled
tOFFLINE
Note 1
15
30
60
sec
Note 1: Characterized, not 100% tested.
Unless otherwise noted VCC = +3.0V to +5.5V, TAMB = TMIN to TMAX, C1–C4 = 0.1µF.
Typical values are at TAMB = +25°C, VCC = 3.3V.


Similar Part No. - SP3245EER1-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3243 SIPEX-SP3243 Datasheet
165Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243 SIPEX-SP3243 Datasheet
252Kb / 19P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3243B SIPEX-SP3243B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243BCA SIPEX-SP3243BCA Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243BCR SIPEX-SP3243BCR Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3245EER1-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3224E SIPEX-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEN-L-TR EXAR-SP3232EEN-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com