Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3245EEY-L Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP3245EEY-L
Description  3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3245EEY-L Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP3245EEY-L Datasheet HTML 7Page - Sipex Corporation SP3245EEY-L Datasheet HTML 8Page - Sipex Corporation SP3245EEY-L Datasheet HTML 9Page - Sipex Corporation SP3245EEY-L Datasheet HTML 10Page - Sipex Corporation SP3245EEY-L Datasheet HTML 11Page - Sipex Corporation SP3245EEY-L Datasheet HTML 12Page - Sipex Corporation SP3245EEY-L Datasheet HTML 13Page - Sipex Corporation SP3245EEY-L Datasheet HTML 14Page - Sipex Corporation SP3245EEY-L Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
Rev M 10/9/06
SP3244E-SP3245E, 3.0V to 5.5V RS-232 Transceivers with Auto On-Line® Plus
© Copyright 2006 Sipex Corporation
DESCRIPTION
C
2
+
-
V
CC
C
3
C
4
C
1
+
+
+
e-
e-
Phases 1 and 3: Store/Double.
Double charge from C1 onto C2.
C2 is now charged to -2xVcc
+
C
2
+
-
V
CC
C
3
C
4
C
1
+
+
+
e-
+
e+
e+
C
2
+
-
V
CC
C
3
C
4
C
1
+
+
+
Phase 2 – Vss transfer from C2 to C4.
Meanwhile C1 is charged to Vcc
e-
e-
e-
+
Vss
transfer from C2 to C3.
Meanwhile C1 is charged to Vcc
V
DD
V-
V+
V-
V+
V+
Patented 5,306,954 (Sipex, inc.)
Phase 4 VDD
Charge Pump Phases
Minimum Recommended Charge Pump Capacitor Values
Input Voltage VCC
Charge Pump Capacitor Value for SP32XX
3.0V to 3.6V
C1-C4=0.1µF
4.5V to 5.5V
C1=0.047µF, C2-C4=0.33µF
3.0V to 5.5V
C1-C4=0.22µF
Charge Pump Capacitor Values


Similar Part No. - SP3245EEY-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3243 SIPEX-SP3243 Datasheet
165Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243 SIPEX-SP3243 Datasheet
252Kb / 19P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3243B SIPEX-SP3243B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243BCA SIPEX-SP3243BCA Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243BCR SIPEX-SP3243BCR Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3245EEY-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3224E SIPEX-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEN-L-TR EXAR-SP3232EEN-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com