Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5385-EVALZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5385-EVALZ
Description  50 MHz to 2200 MHz Quadrature Modulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385-EVALZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5385-EVALZ Datasheet HTML 3Page - Analog Devices ADL5385-EVALZ Datasheet HTML 4Page - Analog Devices ADL5385-EVALZ Datasheet HTML 5Page - Analog Devices ADL5385-EVALZ Datasheet HTML 6Page - Analog Devices ADL5385-EVALZ Datasheet HTML 7Page - Analog Devices ADL5385-EVALZ Datasheet HTML 8Page - Analog Devices ADL5385-EVALZ Datasheet HTML 9Page - Analog Devices ADL5385-EVALZ Datasheet HTML 10Page - Analog Devices ADL5385-EVALZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADL5385
Rev. 0 | Page 7 of 24
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
NC
2
NC
3
NC
4
COM1
5
COM1
6
COM1
15 COM2
16 COM2
17 QBBN
18 QBBP
14 IBBN
13 IBBP
ADL5385
4 × 4 LFCSP
EXPOSED
PADDLE
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 3
NC
No Connection. These pins can be left open or tied to ground.
4, 5, 6, 15,
16, 19, 20
COM1, COM2,
COM3
Power Supply Common Pins. COM1, COM2, and COM3 must all be connected to a ground plane via a
low impedance path.
7
VOUT
Device Output. Single-ended, 50 Ω internally biased RF/IF output; pin must be ac-coupled to the load.
8, 9, 11, 23,
24
VPS1, VPS2,
VPS3
Power Supply Pins. Decouple each pin with a 0.1 μF capacitor; Pin 8 and Pin 9 can share a single
capacitor, as can Pin 23 and Pin 24. All pins must be connected to the same supply (Vs).
10
TEMP
Temperature Sensor Output. Provides dc voltage proportional to die temperature. Slope is 4.6 mV/°C
12
ENBL
Device Enable. Shuts device down when grounded and enables device when pulled to supply
voltage.
13, 14, 17,
18
IBBP, IBBN,
QBBN, QBBP
Differential In-Phase and Quadrature Baseband Inputs. These high impedance inputs must be
externally dc-biased to 500 mV dc and driven from a low impedance source. Nominal characterized
ac signal swing is 700 mV p-p on each pin (150 mV to 850 mV). This results in a differential drive of
1.4 V p-p with a 500 mV dc bias.
21
LOIP
Single-Ended Two-Times Local Oscillator Input. This input is internally biased and must be
ac-coupled to the LO source.
22
LOIN
Common for LO Input. Must be ac-coupled to ground through a low impedance path.


Similar Part No. - ADL5385-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5385 AD-ADL5385 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385 Datasheet
209Kb / 8P
   Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5385 AD-ADL5385 Datasheet
238Kb / 4P
   Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
ADL5385 AD-ADL5385 Datasheet
155Kb / 4P
   Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
More results

Similar Description - ADL5385-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
   30 MHz to 2200 MHz Quadrature Modulator
REV. B
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
[Old version datasheet]   50-MHz to 6-GHz Quadrature Modulator
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADRF6750ACPZ-R7 AD-ADRF6750ACPZ-R7 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator
REV. A
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5374 AD-ADL5374_15 Datasheet
862Kb / 20P
   3000 MHz to 4000 MHz Quadrature Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com