Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF904 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BF904
Description  N-channel dual gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF904 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BF904 Datasheet HTML 6Page - NXP Semiconductors BF904 Datasheet HTML 7Page - NXP Semiconductors BF904 Datasheet HTML 8Page - NXP Semiconductors BF904 Datasheet HTML 9Page - NXP Semiconductors BF904 Datasheet HTML 10Page - NXP Semiconductors BF904 Datasheet HTML 11Page - NXP Semiconductors BF904 Datasheet HTML 12Page - NXP Semiconductors BF904 Datasheet HTML 13Page - NXP Semiconductors BF904 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1999 May 17
10
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904; BF904R
Table 1
Scattering parameters: VDS =5 V; VG2-S = 4 V; ID =10mA
Table 2
Noise data: VDS = 5 V; VG2-S = 4 V; ID =10mA
f
(MHz)
S11
S21
S12
S22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
40
0.989
−3.4
2.420
175.7
0.000
79.9
0.993
−1.6
100
0.985
−8.3
2.414
169.1
0.001
78.3
0.992
−3.9
200
0.976
−16.4
2.368
158.8
0.003
80.3
0.987
−7.8
300
0.958
−24.1
2.301
148.5
0.004
73.7
0.980
−11.4
400
0.942
−32.0
2.251
138.8
0.005
70.7
0.974
−15.2
500
0.918
−39.3
2.170
129.5
0.005
67.2
0.966
−18.7
600
0.899
−46.0
2.080
120.7
0.005
67.8
0.958
−22.2
700
0.876
−52.6
2.001
112.1
0.005
68.6
0.951
−25.5
800
0.852
−58.8
1.924
103.2
0.005
72.9
0.944
−28.9
900
0.823
−64.9
1.829
94.7
0.005
78.7
0.937
−32.1
1000
0.800
−70.9
1.747
86.5
0.005
88.3
0.933
−35.2
1200
0.750
−82.4
1.621
70.7
0.005
120.5
0.928
−41.7
1400
0.719
−92.7
1.535
54.6
0.008
139.8
0.930
−48.4
1600
0.682
−102.5
1.424
39.4
0.010
137.8
0.924
−54.9
1800
0.642
−109.8
1.349
22.5
0.013
156.8
0.928
−62.9
2000
0.602
−116.5
1.283
1.1
0.018
175.1
0.928
−73.1
2200
0.547
−124.9
1.130
−15.1
0.014
172.6
0.887
−81.0
2400
0.596
−128.7
1.018
−49.1
0.040
−163.9
0.837
−95.8
2600
0.682
−132.6
0.979
−79.4
0.077
−164.0
0.778
−109.6
2800
0.771
−142.5
0.804
−116.2
0.120
178.8
0.629
−119.5
3000
0.793
−157.5
0.541
−153.5
0.149
158.3
0.479
−119.9
f
(MHz)
Fmin
(dB)
Γopt
rn
(ratio)
(deg)
800
2.00
0.686
49.6
50.40


Similar Part No. - BF904

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
BF904 NXP-BF904 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
BF904A NXP-BF904A Datasheet
308Kb / 15P
   N-channel dual gate MOS-FETs
Rev. 04-13 November 2007
BF904A NXP-BF904A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BF904

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com